Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AH173-PL-A-A Datasheet(PDF) 5 Page - Diodes Incorporated

Part No. AH173-PL-A-A
Description  INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

AH173-PL-A-A Datasheet(HTML) 5 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AH173
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
TEMPERATURE
AH173
Document number: DS31044 Rev. 10 - 2
5 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Ordering Information
AH173 - X X - X - X
Packing
7 : Tape & Reel
B : Bulk (Note 7)
A : Ammo Box (Note 6)
P : SIP-3L
W : SC59
Package
Lead Free
L : Lead Free
Magnetic
Characteristics
A or B
G : Green (Note 3)
Device
Package
Code
Packaging
(Note 4, 5)
Tube/Bulk
7” Tape and Reel
Ammo Box
Magnetic
Characteristics
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AH173-PL-A-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
A
AH173-PL-A-B
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
B
AH173-PG-A-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
A
AH173-PG-A-B
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
B
AH173-PL-B-A
P
SIP-3L
1000
-B
NA
NA
NA
NA
A
AH173-PL-B-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
B
AH173-PG-B-A
P
SIP-3L
1000
-B
NA
NA
NA
NA
A
AH173-PG-B-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
B
AH173-WL-7-A
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
A
AH173-WL-7-B
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
B
AH173-WG-7-A
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
A
AH173-WG-7-B
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
B
Notes:
3. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. Reverse taping as shown on Diodes Inc. Surface Mount (SMD) Packaging document AP02007, which can be found on our
website http://www.diodes.com/datasheets/ap02007.pdf.
6. Ammo Box is for SIP-3L Spread Lead.
7. Bulk is for SIP-3L Straight Lead.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn