Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH173 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH173
Description  INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH173 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH173_10 Datasheet HTML 1Page - Diodes Incorporated AH173_10 Datasheet HTML 2Page - Diodes Incorporated AH173_10 Datasheet HTML 3Page - Diodes Incorporated AH173_10 Datasheet HTML 4Page - Diodes Incorporated AH173_10 Datasheet HTML 5Page - Diodes Incorporated AH173_10 Datasheet HTML 6Page - Diodes Incorporated AH173_10 Datasheet HTML 7Page - Diodes Incorporated AH173_10 Datasheet HTML 8Page - Diodes Incorporated AH173_10 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AH173
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
TEMPERATURE
AH173
Document number: DS31044 Rev. 10 - 2
5 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Ordering Information
AH173 - X X - X - X
Packing
7 : Tape & Reel
B : Bulk (Note 7)
A : Ammo Box (Note 6)
P : SIP-3L
W : SC59
Package
Lead Free
L : Lead Free
Magnetic
Characteristics
A or B
G : Green (Note 3)
Device
Package
Code
Packaging
(Note 4, 5)
Tube/Bulk
7” Tape and Reel
Ammo Box
Magnetic
Characteristics
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AH173-PL-A-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
A
AH173-PL-A-B
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
B
AH173-PG-A-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
A
AH173-PG-A-B
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
B
AH173-PL-B-A
P
SIP-3L
1000
-B
NA
NA
NA
NA
A
AH173-PL-B-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
B
AH173-PG-B-A
P
SIP-3L
1000
-B
NA
NA
NA
NA
A
AH173-PG-B-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
B
AH173-WL-7-A
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
A
AH173-WL-7-B
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
B
AH173-WG-7-A
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
A
AH173-WG-7-B
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
B
Notes:
3. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. Reverse taping as shown on Diodes Inc. Surface Mount (SMD) Packaging document AP02007, which can be found on our
website http://www.diodes.com/datasheets/ap02007.pdf.
6. Ammo Box is for SIP-3L Spread Lead.
7. Bulk is for SIP-3L Straight Lead.


Similar Part No. - AH173_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH173-PG-7-A DIODES-AH173-PG-7-A Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
AH173-PG-7-B DIODES-AH173-PG-7-B Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
AH173-PG-A-A DIODES-AH173-PG-A-A Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
AH173-PG-A-B DIODES-AH173-PG-A-B Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
AH173-PG-B-A DIODES-AH173-PG-B-A Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
More results

Similar Description - AH173_10

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3382 DIODES-AH3382 Datasheet
763Kb / 14P
   HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com