Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGY1032 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CGY1032
Description  1 GHz, 32 dB gain GaAs push-pull amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CGY1032 Datasheet(HTML) 3 Page - NXP Semiconductors

  CGY1032 Datasheet HTML 1Page - NXP Semiconductors CGY1032 Datasheet HTML 2Page - NXP Semiconductors CGY1032 Datasheet HTML 3Page - NXP Semiconductors CGY1032 Datasheet HTML 4Page - NXP Semiconductors CGY1032 Datasheet HTML 5Page - NXP Semiconductors CGY1032 Datasheet HTML 6Page - NXP Semiconductors CGY1032 Datasheet HTML 7Page - NXP Semiconductors CGY1032 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CGY1032
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2011
3 of 8
NXP Semiconductors
CGY1032
1 GHz, 32 dB gain GaAs push-pull amplifier
5.
Characteristics
[1]
Gp at 1003 MHz minus Gp at 45 MHz.
[2]
Flatness is defined as peak deviation to straight line.
[3]
Direct Current (DC).
[4]
79 NTSC channels [f = 55.25 MHz to 547.25 MHz] + 75 digital channels [f = 547.25 MHz to 1003 MHz] (
−6 dB offset); flat output level.
[5]
79 NTSC channels [f = 55.25 MHz to 550 MHz]; flat output level.
[6]
98 PAL channels [f = 49.75 MHz to 847.25 MHz]; flat output level.
Table 5.
Characteristics
Bandwidth 40 MHz to 1003 MHz; VB = 24 V (DC); ZS = ZL = 75 Ω; Tmb =35 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
f = 45 MHz
30.0
31.0
32.0
dB
f = 870 MHz
31.4
32.4
33.4
dB
f = 1003 MHz
32.0
33.0
34.0
dB
SLsl
slope straight line
f = 45 MHz to 1003 MHz
[1] 1.05
1.8
2.55
dB
FL
flatness of frequency response
f = 45 MHz to 1003 MHz
[2] -
-
0.85
dB
RLin
input return loss
f = 45 MHz to 200 MHz
20
-
-
dB
f = 200 MHz to 550 MHz
20
-
-
dB
f = 550 MHz to 870 MHz
20
-
-
dB
f = 870 MHz to 914 MHz
20
-
-
dB
f = 914 MHz to 1003 MHz
16
-
-
dB
RLout
output return loss
f = 45 MHz to 200 MHz
18
-
-
dB
f = 200 MHz to 550 MHz
18
-
-
dB
f = 550 MHz to 870 MHz
18
-
-
dB
f = 870 MHz to 914 MHz
18
-
-
dB
f = 914 MHz to 1003 MHz
16
-
-
dB
NF
noise figure
f = 50 MHz
-
3.4
4.0
dB
f = 1003 MHz
-
4.4
4.9
dB
Itot
total current
[3] -
265
280
mA
79 NTSC channels + 75 digital channels
CTB
composite triple beat
Vo = 44 dBmV
[4] -
−62
-
dBc
CSO
composite second-order distortion
Vo = 44 dBmV
[4] -
−64
-
dBc
Xmod
cross modulation
Vo = 44 dBmV
[4] -
−58
-
dB
CCN
carrier-to-composite noise
Vo = 44 dBmV
[4] -63
-
dBc
79 NTSC channels
CTB
composite triple beat
Vo = 44 dBmV
[5] --
−62
dBc
CSO
composite second-order distortion
Vo = 44 dBmV
[5] --
−64
dBc
Xmod
cross modulation
Vo = 44 dBmV
[5] -
−58
-
dB
98 PAL channels
CTB
composite triple beat
Vo = 44 dBmV
[6] -
−68
-
dBc
CSO
composite second-order distortion
Vo = 44 dBmV
[6] -
−66
-
dBc
Xmod
cross modulation
Vo = 44 dBmV
[6] -
−58
-
dB


Similar Part No. - CGY1032

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY1032 NXP-CGY1032 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - CGY1032

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY1041 NXP-CGY1041 Datasheet
99Kb / 8P
   1 GHz, 21 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
CGY1043 NXP-CGY1043 Datasheet
99Kb / 8P
   1 GHz, 23 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
CGY1047 NXP-CGY1047 Datasheet
58Kb / 7P
   1 GHz, 27 dB gain GaAs push-pull amplifier
Rev. 01-30 July 2009
logo
ANADIGICS, Inc
ACA2764 ANADIGICS-ACA2764 Datasheet
519Kb / 3P
   1 GHz, 21 dB Gain CATV Push-Pull Amplifier
logo
California Eastern Labs
MC-7831-HA CEL-MC-7831-HA Datasheet
260Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
   NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832HA CEL-MC-7832HA Datasheet
158Kb / 5P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7831-HA_2015 JMNIC-MC-7831-HA_2015 Datasheet
65Kb / 6P
   1 GHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
   870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com