Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1413D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC1413D
Description  Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1413D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC1413D_11 Datasheet HTML 4Page - NXP Semiconductors ADC1413D_11 Datasheet HTML 5Page - NXP Semiconductors ADC1413D_11 Datasheet HTML 6Page - NXP Semiconductors ADC1413D_11 Datasheet HTML 7Page - NXP Semiconductors ADC1413D_11 Datasheet HTML 8Page - NXP Semiconductors ADC1413D_11 Datasheet HTML 9Page - NXP Semiconductors ADC1413D_11 Datasheet HTML 10Page - NXP Semiconductors ADC1413D_11 Datasheet HTML 11Page - NXP Semiconductors ADC1413D_11 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
ADC1413D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 9 February 2011
8 of 43
NXP Semiconductors
ADC1413D series
Dual 14-bit ADC; serial JESD204A interface
Bi
input bandwidth
-
600
-
MHz
VI(dif)
differential input voltage
peak-to-peak
1
-
2
V
Voltage controlled regulator output: pins VCMA and VCMB
VO(cm)
common-mode output
voltage
-VDDA /2
-
V
IO(cm)
common-mode output
current
-4
-
mA
Reference voltage input/output: pin VREF
VVREF
voltage on pin VREF
output
0.5
-
1
V
input
0.5
-
1
V
Data outputs: pins CMLPA, CMLNA
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 000
VOL
LOW-level output
voltage
DC coupled; output
-
1.5
-
V
AC coupled
-
1.35
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.65
-
V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 001
VOL
LOW-level output
voltage
DC coupled; output
-
1.45
-
V
AC coupled
-
1.275
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.625
-
V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 010
VOL
LOW-level output
voltage
DC coupled; output
-
1.4
-
V
AC coupled
-
1.2
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.6
-
V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 011
VOL
LOW-level output
voltage
DC coupled; output
-
1.35
-
V
AC coupled
-
1.125
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.575
-
V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 100
VOL
LOW-level output
voltage
DC coupled; output
-
1.3
-
V
AC coupled
-
1.05
-
V
VOH
HIGH-level output
voltage
DC coupled; output
-
1.8
-
V
AC coupled
-
1.55
-
V
Serial configuration: pins SYNCCP, SYNCCN
VIL
LOW-level input voltage
differential; input
-
0.95
-
V
VIH
HIGH-level input voltage differential; input
-
1.47
-
V
Accuracy
INL
integral non-linearity
-
5-
LSB
Table 5.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1413D_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
More results

Similar Description - ADC1413D_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com