Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC573904 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LC573904
Description  4-Bit Microcontroller with 4K-Byte ROM, 120 × 4Bits RAM and LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC573904 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC573904 Datasheet HTML 1Page - Sanyo Semicon Device LC573904 Datasheet HTML 2Page - Sanyo Semicon Device LC573904 Datasheet HTML 3Page - Sanyo Semicon Device LC573904 Datasheet HTML 4Page - Sanyo Semicon Device LC573904 Datasheet HTML 5Page - Sanyo Semicon Device LC573904 Datasheet HTML 6Page - Sanyo Semicon Device LC573904 Datasheet HTML 7Page - Sanyo Semicon Device LC573904 Datasheet HTML 8Page - Sanyo Semicon Device LC573904 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LC573904
No.6725-4/18
Pad name and coordinates
Coordinates
Coordinates
QFP64
PIN No.
Pad
No.
Pad
Name
X
µm
Y
µm
QFP64
PIN No.
Pad
No.
Pad
Name
X
µm
Y
µm
5
1
BAK
-1065
645
37
33
32HZ
1065
-505
6
2
S4
-1065
455
38
34
S2
1065
-380
7
3
S3
-1065
330
39
35
S1
1065
-255
8
4
P10
-1065
170
40
36
RES
1065
-130
9
5
P11
-1065
5
41
37
OSCIN
1065
-5
10
6
P12
-1065
-155
42
38
OSCOUT
1065
115
11
7
P13
-1065
-315
43
39
VSS
1065
300
12
8
P00
-1065
-475
44
40
RCIN
1065
490
13
9
P01
-1065
-635
45
41
RCOUT
1065
615
14
10
P02
-1065
-800
46
42
TEST
1065
740
15
11
P03
-1065
-960
47
43
COM2
1065
865
16
12
COM4
-1080
-1205
48
44
SEG1
1065
1005
17
13
SEG17
-940
-1205
49
45
SEG2
1075
1205
18
14
SEG18
-790
-1205
50
46
SEG3
935
1205
19
15
SEG19
-650
-1205
51
47
SEG4
810
1205
20
16
SEG20
-525
-1205
52
48
SEG5
685
1205
21
17
SEG21
-400
-1205
53
49
SEG6
560
1205
22
18
SEG22
-275
-1205
54
50
SEG7
435
1205
23
19
SEG23
-150
-1205
55
51
SEG8
310
1205
24
20
SEG24
-25
-1205
56
52
SEG9
185
1205
25
21
SEG25
100
-1205
57
53
SEG10
60
1205
26
22
SEG26
225
-1205
58
54
SEG11
-65
1205
27
23
SEG27
350
-1205
59
55
SEG12
-190
1205
28
24
SEG28
475
-1205
60
56
SEG13
-315
1205
29
25
SEG29
600
-1205
61
57
SEG14
-440
1205
30
26
SEG30
725
-1205
62
58
SEG15
-565
1205
31
27
SEG31
865
-1205
63
59
SEG16
-705
1205
32
28
SEG32
1065
-1185
64
60
COM3
-855
1205
33
29
COM1
1065
-1035
1
61
LIGHT
-1065
1195
34
30
CUP1
1065
-895
2
62
ALM
-1065
1070
35
31
CUP2
1065
-770
3
63
VDD2
-1065
895
36
32
T3
1065
-630
4
64
VDD1
-1065
770
The pad coordinates are such that the chip center is taken as the origin and the values for (X, Y) represent the coordinates of the
center point of each pad.
Substrate must be connected to VSS or left open.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn