Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8951370000 Datasheet(PDF) 3 Page - Weidmuller

Part # 8951370000
Description  CP M SNT 500W 24V 20A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8951370000 Datasheet(HTML) 3 Page - Weidmuller

  8951370000 Datasheet HTML 1Page - Weidmuller 8951370000 Datasheet HTML 2Page - Weidmuller 8951370000 Datasheet HTML 3Page - Weidmuller 8951370000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
CP M SNT 500W 24V 20A
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-2083
www.weidmueller.com
Technical data
Creation date September 3, 2010 10:34:31 PM CEST
Last update 28.06.2010 / We reserve the right to make technical changes.
3
Insulation coordination
Class of protection
I, with PE connection
Insulation voltage
3 kV input/ouput; 2 kV input/
earth; 0.5 kV output/earth
Pollution severity
2
Protection class
IP 20
electrical isolation, input-earth
2 kV
electrical isolation, input-output
3 kV
electrical isolation, output-earth
0.5 kV
Approvals
Approvals institutes
CE; CURUS; CULUS; C-Tick
Classifications
eClass 5.1
27-04-90-02
eClass 6.0
27-04-90-04
Notes
Note, technical data
*) Recommendation applies only for AC operation; the max. permissible
operating voltage must be observed in all cases! The internal varistor found in a switch-mode power supply
does not replace the need for surge protection within a system.


Similar Part No. - 8951370000

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
895132-IL ATMEL-895132-IL Datasheet
1Mb / 182P
   USB Microcontroller with 64K Bytes Flash Memory
895132-UL ATMEL-895132-UL Datasheet
1Mb / 182P
   USB Microcontroller with 64K Bytes Flash Memory
logo
Weidmuller
8951330000 WEIDMULLER-8951330000 Datasheet
98Kb / 4P
   CP M SNT 70W 24V 3A
8951340000 WEIDMULLER-8951340000 Datasheet
99Kb / 4P
   CP M SNT 120W 24V 5A
8951350000 WEIDMULLER-8951350000 Datasheet
100Kb / 4P
   CP M SNT 180W 24V 7,5A
More results

Similar Description - 8951370000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8951350000 WEIDMULLER-8951350000 Datasheet
100Kb / 4P
   CP M SNT 180W 24V 7,5A
8951330000 WEIDMULLER-8951330000 Datasheet
98Kb / 4P
   CP M SNT 70W 24V 3A
8951380000 WEIDMULLER-8951380000 Datasheet
101Kb / 4P
   CP M SNT 1000W 24V 40A
8951340000 WEIDMULLER-8951340000 Datasheet
99Kb / 4P
   CP M SNT 120W 24V 5A
8951360000 WEIDMULLER-8951360000 Datasheet
101Kb / 4P
   CP M SNT 250W 24V 10A
logo
PULS GmbH
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
UF20.241 PULS-UF20.241 Datasheet
543Kb / 18P
   24V, 20A, 200MS, BUFFER MODULE
logo
Alpha & Omega Semicondu...
AOZ2367QI-11 AOSMD-AOZ2367QI-11 Datasheet
1Mb / 18P
   24V/20A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
logo
PULS GmbH
QS20.244 PULS-QS20.244 Datasheet
754Kb / 25P
   24V, 20A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com