Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC5739 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC5739
Description  4-Bit Microcontroller with LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5739 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC5739 Datasheet HTML 1Page - Sanyo Semicon Device LC5739 Datasheet HTML 2Page - Sanyo Semicon Device LC5739 Datasheet HTML 3Page - Sanyo Semicon Device LC5739 Datasheet HTML 4Page - Sanyo Semicon Device LC5739 Datasheet HTML 5Page - Sanyo Semicon Device LC5739 Datasheet HTML 6Page - Sanyo Semicon Device LC5739 Datasheet HTML 7Page - Sanyo Semicon Device LC5739 Datasheet HTML 8Page - Sanyo Semicon Device LC5739 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LC5739
No.6704-4/18
Pad name and coordinates
Coordinates
Coordinates
QFP64
PIN No.
Pad
No.
Pad
Name
X
µm
Y
µm
QFP64
PIN No.
Pad
No.
Pad
Name
X
µm
Y
µm
3
1
BAK
-1065
755
38
34
32HZ
1065
-405
4
2
VSS
-1065
615
39
35
S2
1065
-265
5
3
S4
-1065
475
40
36
S1
1065
-125
6
4
S3
-1065
335
41
37
RES
1065
15
7
5
P10
-1065
175
42
38
OSCIN
1065
155
8
6
P11
-1065
15
43
39
OSCOUT
1065
295
9
7
P12
-1065
-145
44
40
TEST
1065
435
10
8
P13
-1065
-305
45
41
COM2
1065
575
11
9
P00
-1065
-470
46
42
SEG1
1065
715
12
10
P01
-1065
-630
47
43
SEG2
1065
855
13
11
P02
-1065
-790
48
44
SEG3
1065
995
14
12
P03
-1065
-950
49
45
SEG4
1105
1205
15
13
COM4
-1105
-1205
50
46
SEG5
965
1205
17
14
SEG17
-965
-1205
51
47
SEG6
825
1205
18
15
SEG18
-825
-1205
52
48
SEG7
685
1205
19
16
SEG19
-685
-1205
53
49
SEG8
545
1205
20
17
SEG20
-545
-1205
54
50
SEG9
405
1205
21
18
SEG21
-405
-1205
55
51
SEG10
265
1205
22
19
SEG22
-265
-1205
56
52
SEG11
125
1205
23
20
SEG23
-125
-1205
57
53
SEG12
-15
1205
24
21
SEG24
15
-1205
58
54
SEG13
-155
1205
25
22
SEG25
155
-1205
59
55
SEG14
-295
1205
26
23
SEG26
295
-1205
60
56
SEG15
-435
1205
27
24
SEG27
435
-1205
61
57
SEG16
-575
1205
28
25
SEG28
575
-1205
62
58
COM3
-715
1205
29
26
SEG29
715
-1205
63
59
LIGHT
-855
1205
30
27
SEG30
855
-1205
64
60
ALM
-1065
1245
31
28
SEG31
1065
-1245
1
61
VDD2
-1065
1035
33
29
SEG32
1065
-1105
2
62
VDD1
-1065
895
34
30
COM1
1065
-965
35
31
CUP1
1065
-825
36
32
CUP2
1065
-685
37
33
T3
1065
-545
• The pad coordinates are such that the chip center is taken as the origin and the values for (X, Y) represent the coordinates of
the center point of each pad.
• Substrate must be connected to VSS or left open.


Similar Part No. - LC5739

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC573904 SANYO-LC573904 Datasheet
628Kb / 18P
   4-Bit Microcontroller with 4K-Byte ROM, 120 횞 4Bits RAM and LCD Driver
More results

Similar Description - LC5739

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
OKI electronic componet...
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
logo
OKI electronic componet...
MSM64172 OKI-MSM64172 Datasheet
189Kb / 29P
   4-Bit Microcontroller with Built-in Serial Port and LCD Driver
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com