Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC573102A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC573102A
Description  4-bit Single Chip Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC573102A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC573102A Datasheet HTML 1Page - Sanyo Semicon Device LC573102A Datasheet HTML 2Page - Sanyo Semicon Device LC573102A Datasheet HTML 3Page - Sanyo Semicon Device LC573102A Datasheet HTML 4Page - Sanyo Semicon Device LC573102A Datasheet HTML 5Page - Sanyo Semicon Device LC573102A Datasheet HTML 6Page - Sanyo Semicon Device LC573102A Datasheet HTML 7Page - Sanyo Semicon Device LC573102A Datasheet HTML 8Page - Sanyo Semicon Device LC573102A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LC573104A, 573102A
No.4144–2/16
• Port
· Input port (S port, M port) :
2-port (8 pins)
[Key scan input port]
· Input/Ouput port :
3-port (10 pins)
P0 port, P1 port
2-port (8 pins)
[Key scan output port]
P2 port
1-port (2 pins)
[Key scan expansion port]
[LED direct drivable port]
• Infrared remote control carrier generation circuit.
· Software-controllable remote control carrier output ON/OFF.
· Software-controllable carrier frequency and duty ratio.
<38kHz-1/3 duty, 38kHz-1/2 duty, 57kHz-1/2 duty>
(When fixed carrier signal is output, it is specified by mask option)
· 1kHz to 200kHz infrared remote control transmission carrier frequency.
(When carrier output is selected by timer at mask option, and when 455kHz CR oscillator is used)
· Infrared carrier output-dedicated terminal built-in (CA terminal).
· 108ms HALT-mode cancel signal output.
• Timer
· 16-bit software-controllable Timer
Timer input clock : Ceramic (CR) oscillation frequency (455kHz).
· 108ms HALT release request signal generation timer (Free running timer).
· Watchdog timer (changed over between USED/UNUSED by mask option)
• Sub-routine stack level
· 2 levels
• Oscillation circuit
· Ceramic (CR) oscillation circuit : 455kHz (for System clock generation), Feedback resistor built-in.
• Standby function
· HALT mode
HALT mode used to reduce current drain.
HALT mode suspends program execution.
Following shows how to release the HALT mode.
(A) System reset
(B) HALT mode release request signal.
· HOLD mode
HOLD mode stops ceramic resonator (CR). The HOLD mold can be released in two ways.
(A) System reset
(B) Apply H level input to S port pin or M port pin. (However, it is necessary to set S port or M port HOLD mode
release permission flag beforehand.)
• From of shipment
· MFP-24S (1.0mm pitch) and chip.
NOTE : When dipping in solder to mount the MFP package on board, contact SANYO for instructions.


Similar Part No. - LC573102A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
LC573015A SANYO-LC573015A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
LC573202A SANYO-LC573202A Datasheet
622Kb / 18P
   4-Bit Microcontroller with 2K-Byte ROM, 64 횞 4Bits RAM and LCD Driver
LC5732H SANYO-LC5732H Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
More results

Similar Description - LC573102A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com