Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC573104A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC573104A
Description  4-bit Single Chip Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC573104A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC573104A Datasheet HTML 7Page - Sanyo Semicon Device LC573104A Datasheet HTML 8Page - Sanyo Semicon Device LC573104A Datasheet HTML 9Page - Sanyo Semicon Device LC573104A Datasheet HTML 10Page - Sanyo Semicon Device LC573104A Datasheet HTML 11Page - Sanyo Semicon Device LC573104A Datasheet HTML 12Page - Sanyo Semicon Device LC573104A Datasheet HTML 13Page - Sanyo Semicon Device LC573104A Datasheet HTML 14Page - Sanyo Semicon Device LC573104A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LC573104A, 573102A
No.4144–11/16
Fig. 3 : S1 to S4, M1 to M4 input structure
Fig. 5 : Supply current measuring circuit
Fig. 4 : Oscillator start-up voltage, Oscillator sustaining
voltage, and Oscillator start-up time measuring
circuit.
Note : CR is 455kHz, S-PORT : M-PORT : Input lead Tr is ON.
RES terminal has resistor built-in and is OPEN.
I/O-PORT is set at Output Mode and data is ‘H’.
LC573100 Series Instruction Set
The instruction set uses the following abbreviations and symbols.
AC
: Accumulator
M
: Memory
ACn
: Accumulator bit n
M (DP)
: Memory addressed by DP
CF
: Carry flag
[M (DP)]
: Contents of memory addressed by DP
DP
: Data pointer
PC
: Program counter
DPL
: Data pointer low nibble
PCn
: Program counter bit n
DPH
: Data pointer high nibble
PAGE
: Page latch
EDP
: Data pointer save register
STSn
: Status register n
EDPL
: Data pointer save register low nibble
(STSm)
: Status register n content
EDPH
: Data pointer save register high nibble
[P ( )]
: Contents of port ( )
SP
: Strobe pointer
X
: Immediate data
TREG
: Temporary register
Xn
: Immediate data bit n
SCFn
: Start conditioning flag n
PDF
: Input port pull-down flag
CTLn
: Control register n
SFR
: Special function register
HEFn
: Hold enable flag n
(SFR)
: Contents of special function register
ROM
: ROM data
CSTF
: Chrono start flag
CFCF
: Ceramic resonator oscillator control flag
SPC
: Strobe pointer control bit
( )
: Contents
CCF
: Carrier output control flag
[ ]
: Contents
( )
: Complement of contents
: Logical OR
[ ]
: Complement of contents
: Logical exclusive-OR
φ n
: Output from stage n of 15-stage divider
: Logical AND
WDT
: Watchdog timer
: Transfer direction, result
• The special function registers are abbreviated as follows.
TCON
: Timer control register
TLOW
: Timer/counter register low byte
THIGH
: Timer/counter register high byte
CTL4
: Control register 4
P0
: Port P0
P1
: Port P1
P2
: Port P2


Similar Part No. - LC573104A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
LC573015A SANYO-LC573015A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
LC573202A SANYO-LC573202A Datasheet
622Kb / 18P
   4-Bit Microcontroller with 2K-Byte ROM, 64 횞 4Bits RAM and LCD Driver
LC5732H SANYO-LC5732H Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
More results

Similar Description - LC573104A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com