Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX1049A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZTX1049A
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX1049A Datasheet(HTML) 3 Page - Diodes Incorporated

  ZTX1049A Datasheet HTML 1Page - Diodes Incorporated ZTX1049A Datasheet HTML 2Page - Diodes Incorporated ZTX1049A Datasheet HTML 3Page - Diodes Incorporated ZTX1049A Datasheet HTML 4Page - Diodes Incorporated ZTX1049A Datasheet HTML 5Page - Diodes Incorporated ZTX1049A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZTX1049A
SEMICO NDUC TORS
ISSUE 3 - JUNE 2007
3
100A
10A
1A
10mA
100mA
1mA
IC-Collector Current
IC-Collector Current
0
0.2
100mA
10mA
0.4
0.6
0.8
1.2
1.0
1.4
100A
10A
1A
IC-Collector Current
1mA
100mA
10mA
100A
10A
1A
100
0
200
400
300
500
600
700
10mA
1mA
IC-Collector Current
100mA
1A
10A
100A
0.6
0.8
1.0
1.2
1.4
0.4
0.2
0
IC-Collector Current
1mA
0
0.2
100mA
10mA
0.4
0.6
0.8
1.0
IC/IB=100
IC/IB=200
IC/IB=50
IC/IB=10
100A
10A
1A
0
1.0
0.6
0.2
0.4
0.8
100
10
1
0.1
VCE - Collector Emitter Voltage (V)
0.1
0.1V
10V
100V
1s
DC
100ms
10ms
1ms
Singe Pulse Test Tamb =25 C
1V
+25 C
-55 C
+25 C
+100 C
+175 C
IC/IB=100
VCE=2V
+100 C
-55 C
+25 C
IC/IB=100
-55 C
+25 C
+100 C
+175 C
-55 C
+25 C
+100 C
+175 C
VCE=2V
100 s
TYPICAL CHARACTERISTICS


Similar Part No. - ZTX1049A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX1049A ZETEX-ZTX1049A Datasheet
116Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1049A DIODES-ZTX1049A Datasheet
307Kb / 6P
   25V NPN SILICON PLANARR MEDIUM POWER TRANSISTOR
ZTX1049A DIODES-ZTX1049A Datasheet
288Kb / 6P
   25V NPN MEDIUM POWER TRANSISTOR IN E-LINE
ZTX1049ASTZ DIODES-ZTX1049ASTZ Datasheet
307Kb / 6P
   25V NPN SILICON PLANARR MEDIUM POWER TRANSISTOR
ZTX1049ASTZ DIODES-ZTX1049ASTZ Datasheet
288Kb / 6P
   25V NPN MEDIUM POWER TRANSISTOR IN E-LINE
More results

Similar Description - ZTX1049A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX696B DIODES-ZTX696B Datasheet
64Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
   NPN Silicon Planar Medium Power High Gain Transistor
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Zetex Semiconductors
FZT1049A ZETEX-FZT1049A Datasheet
99Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1053A ZETEX-FZT1053A Datasheet
63Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com