Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC4966 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LC4966
Description  Quad Bilateral Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4966 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC4966 Datasheet HTML 1Page - Sanyo Semicon Device LC4966 Datasheet HTML 2Page - Sanyo Semicon Device LC4966 Datasheet HTML 3Page - Sanyo Semicon Device LC4966 Datasheet HTML 4Page - Sanyo Semicon Device LC4966 Datasheet HTML 5Page - Sanyo Semicon Device LC4966 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
No. 1536-4/6
LC4966
Switching Characteristics at Ta = 25 ± 2°C
Note 1. Vis is a ±2.5 Vp-p sine wave; fmax: 20log (Vos/Vis) = the –3 dB frequency.
2. Vis is a ±2.5 Vp-p sine wave.
3. Vis is a ±2.5 Vp-p sine wave. Frequency (feedthrough): 20log(Vos/Vis) = –50 dB
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD = 5 V, RL = 10 kΩ, CL = 50 pF
15
45
ns
VDD = 10 V, RL = 10 kΩ, CL = 50 pF
10
30
ns
VDD = 15 V, RL = 10 kΩ, CL = 50 pF
8
25
ns
Transmission time (IN to OUT)
t
PLH, tPHL
VDD = 20 V, RL = 10 kΩ, CL = 50 pF
8
25
ns
VDD = 25 V, RL = 10 kΩ, CL = 50 pF
8
25
ns
VDD = 30 V, RL = 10 kΩ, CL = 50 pF
7
25
ns
VDD = 35 V, RL = 10 kΩ, CL = 50 pF
7
25
ns
VDD = 37 V, RL = 10 kΩ, CL = 50 pF
7
25
ns
VDD = 5 V, RL = 10 kΩ, CL = 50 pF
100
200
ns
VDD = 10 V, RL = 10 kΩ, CL = 50 pF
40
70
ns
VDD = 15 V, RL = 10 kΩ, CL = 50 pF
35
60
ns
Transmission time
t
PLH, tPHL
VDD = 20 V, RL = 10 kΩ, CL = 50 pF
35
60
ns
(control
→ OUT)
VDD = 25 V, RL = 10 kΩ, CL = 50 pF
35
60
ns
VDD = 30 V, RL = 10 kΩ, CL = 50 pF
35
60
ns
VDD = 35 V, RL = 10 kΩ, CL = 50 pF
35
60
ns
VDD = 37 V, RL = 10 kΩ, CL = 50 pF
35
60
ns
VDD = 5 V, CL = 15 pF
1.0
MHz
VDD = 10 V, CL = 15 pF
1.0
MHz
Maximum control input frequency
f max (c)
VDD = 20 V, CL = 15 pF
1.0
MHz
VDD = 30 V, CL = 15 pF
1.0
MHz
VDD = 37 V, CL = 15 pF
1.0
MHz
VDD = +5 V, VSS = –5 V, RL = 10 kΩ, CL = 15 pF*1
35
MHz
Maximum transmission frequency
f max (I-O)
VDD = +10 V, VSS = –10 V
40
MHz
VDD = +15 V, VSS = –15 V
50
MHz
VDD = +18.5 V, VSS = –18.5 V
50
MHz
VDD = +5 V, VSS = –5 V, RL = 10 kΩ, f = 1 kHz*2
0.010
%
Sine wave total harmonic
VDD = +10 V, VSS = –10 V
0.005
%
distortion
VDD = +15 V, VSS = –15 V
0.005
%
VDD = +18.5 V, VSS = –18.5 V
0.005
%
VDD = +5 V, VSS = –5 V, RL = 10 kΩ*3
1
MHz
Feedthrough (switch off state)
VDD = +10 V, VSS = –10 V
1
MHz
VDD = +15 V, VSS = –15 V
1
MHz
VDD = +18.5 V, VSS = –18.5 V
1
MHz


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVQ4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4066BP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
M74HC4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
TC74HC4066AP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
HCC4016B QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
HCC4066B OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1  2  3  4  5  More STMicroelectronics
CD54HC4066 High-Speed CMOS Logic Quad Bilateral Switch 1  2  3  4  5  More Texas Instruments
HCF4066B QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1  2  3  4  5  More STMicroelectronics
SL4066B Quad Bilateral Switch 1  2  3  4  5  More System Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn