Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC4966 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LC4966
Description  Quad Bilateral Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4966 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC4966 Datasheet HTML 1Page - Sanyo Semicon Device LC4966 Datasheet HTML 2Page - Sanyo Semicon Device LC4966 Datasheet HTML 3Page - Sanyo Semicon Device LC4966 Datasheet HTML 4Page - Sanyo Semicon Device LC4966 Datasheet HTML 5Page - Sanyo Semicon Device LC4966 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
No. 1536-3/6
LC4966
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD = 5 V, VIN = 5 V, I = ±1 mA
110
220
VDD = 5 V, VIN = 2.5 V, I = ±1 mA
90
180
VDD = 5 V, VIN = 0.25 V, I = ±1 mA
110
220
VDD = 10 V, VIN = 10 V, I = ±3 mA
70
140
VDD = 10 V, VIN = 5 V, I = ±3 mA
50
100
VDD = 10 V, VIN = 0.25 V, I = ±3 mA
70
140
VDD = 15 V, VIN = 15 V, I = ±3 mA
60
120
VDD = 15 V, VIN = 7.5 V, I = ±3 mA
40
80
VDD = 15 V, VIN = 0.25 V, I = ±3 mA
60
120
VDD = 20 V, VIN = 20 V, I = ±3 mA
60
120
VDD = 20 V, VIN = 10 V, I = ±3 mA
40
80
VDD = 20 V, VIN = 0.25 V, I = ±3 mA
60
120
VDD = 30 V, VIN = 30 V, I = ±3 mA
50
100
VDD = 30 V, VIN = 15 V, I = ±3 mA
35
70
VDD = 30 V, VIN = 0.25 V, I = ±3 mA
50
100
VDD = 37 V, VIN = 37 V, I = ±3 mA
45
90
On resistance
RON
VDD = 37 V, VIN = 19 V, I = ±3 mA
30
60
VDD = 37 V, VIN = 0.25 V, I = ±3 mA
45
90
VDD = +5 V, VIN = –5 V, VIN = 5 V, I = ±3 mA
70
140
VDD = +5 V, VSS = –5 V, VIN = ±0.25 V, I = ±3 mA
50
100
VDD = +5 V, VSS = –5 V, VIN = –5 V, I = ±3 mA
70
140
VDD = +7.5 V, VSS = –7.5 V, VIN = 5 V, I = ±3 mA
60
120
VDD = +7.5 V, VSS = –7.5 V, VIN = ±0.25 V, I = ±3 mA
40
80
VDD = +7.5 V, VSS = –7.5 V, VIN = –5 V, I = ±3 mA
60
120
VDD = +10 V, VSS = –10 V, VIN = 10 V, I = ±3 mA
60
120
VDD = +10 V, VSS = –10 V, VIN = ±0.25 V, I = ±3 mA
40
80
VDD = +10 V, VSS = –10 V, VIN = –10 V, I = ±3 mA
60
120
VDD = +15 V, VSS = –15 V, VIN = 15 V, I = ±3 mA
50
100
VDD = +15 V, VSS = –15 V, VIN = ±0.25 V, I = ±3 mA
35
70
VDD = +15 V, VSS = –15 V, VIN = –15 V, I = ±3 mA
50
100
VDD = +18.5 V, VSS = –18.5 V, VIN = 18.5 V, I = ±3 mA
45
90
VDD = +18.5 V, VSS = –18.5 V, VIN = ±0.25 V, I = ±3 mA
30
60
VDD = +18.5 V, VSS = –18.5 V, VIN = –18.5 V, I = ±3 mA
45
90
Input off leakage current
I
OFF
VDD = 37 V, VIN = 37 V, VOUT = 0 V
±1
±500
nA
VDD = 37 V, VIN = 0 V, VOUT = 37 V
±1
±500
nA
VDD = 5 V
0.001
1
µA
VDD = 10 V
0.001
2
µA
VDD = 15 V
0.002
4
µA
Quiescent current drain
I
DD
VDD = 20 V
0.004
8
µA
VDD = 25 V
0.01
20
µA
VDD = 30 V
0.02
40
µA
VDD = 35 V
0.04
80
µA
VDD = 37 V
0.1
160
µA
Input high-level control current
IIH
VDD = 37 V, VIN = 37 V
10–4
3
µA
Input low-level control current
IIL
VDD = 37 V, VIN = 0 V
–10–4
3
µA
Input capacitance
C
IN
Control inputs
5
7.5
pF
Switch input and outputs
10
pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVQ4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4066BP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
M74HC4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
TC74HC4066AP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
HCC4016B QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
HCC4066B OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1  2  3  4  5  More STMicroelectronics
CD54HC4066 High-Speed CMOS Logic Quad Bilateral Switch 1  2  3  4  5  More Texas Instruments
HCF4066B QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1  2  3  4  5  More STMicroelectronics
SL4066B Quad Bilateral Switch 1  2  3  4  5  More System Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn