Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC4966 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC4966
Description  Quad Bilateral Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4966 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC4966 Datasheet HTML 1Page - Sanyo Semicon Device LC4966 Datasheet HTML 2Page - Sanyo Semicon Device LC4966 Datasheet HTML 3Page - Sanyo Semicon Device LC4966 Datasheet HTML 4Page - Sanyo Semicon Device LC4966 Datasheet HTML 5Page - Sanyo Semicon Device LC4966 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Overview
The LC4966 is an IC that provides the same functions as
the MLC4066B and the MLC4066BH over an expanded
usable voltage range. The LC4966 provides four
bidirectional switch circuits. These circuits form a low-
impedance conducting path between the input and output
sides when the corresponding control input (CONT) is set
high, and form a high-impedance nonconducting open
circuit when the control input is set low.
Package Dimensions
unit: mm
3003A-DIP14
CMOS LSI
42696HA (OT) No. 1536-1/6
SANYO: DIP14
[LC4966]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Quad Bilateral Switch
LC4966
Ordering number : EN1536B
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = –40 to +85°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VSS – 0.5 to VSS + 40
V
Input voltage
VIN
VSS – 0.5 to VDD + 0.5
V
Output voltage
VOUT
VSS – 0.5 to VDD + 0.5
V
Input current
IIN
±10
mA
Potential difference between input and
V
I-VO
±0.5
V
output when on
Lead soldering temperature time
Tsol
t = 10 s
260
°C
Allowable power dissipation
Pd max
Ta
≤ 85°C, IIN = ±10 mA
300
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
3 to 37
V
Input voltage
VIN
0 to VDD
V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVQ4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4066BP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
M74HC4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
TC74HC4066AP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
HCC4016B QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
HCC4066B OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1  2  3  4  5  More STMicroelectronics
CD54HC4066 High-Speed CMOS Logic Quad Bilateral Switch 1  2  3  4  5  More Texas Instruments
HCF4066B QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1  2  3  4  5  More STMicroelectronics
SL4066B Quad Bilateral Switch 1  2  3  4  5  More System Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn