Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSN-749AF Datasheet(PDF) 1 Page - Mini-Circuits

Part # RSN-749AF
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RSN-749AF Datasheet(HTML) 1 Page - Mini-Circuits

  RSN-749AF Datasheet HTML 1Page - Mini-Circuits RSN-749AF Datasheet HTML 2Page - Mini-Circuits RSN-749AF Datasheet HTML 3Page - Mini-Circuits RSN-749AF Datasheet HTML 4Page - Mini-Circuits RSN-749AF Datasheet HTML 5Page - Mini-Circuits RSN-749AF Datasheet HTML 6Page - Mini-Circuits RSN-749AF Datasheet HTML 7Page - Mini-Circuits RSN-749AF Datasheet HTML 8Page - Mini-Circuits RSN-749AF Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
RSN-749AF+
Frequency Synthesizer
Page 1 of 13
50Ω
714 to 749 MHz
The Big Deal
• Fractional N synthesizer
• Fast settling time, 0.04 msec max
• Low phase noise and spurious
• High reliability over temperature changes
• Small size 0.910" x 0.910" x 0.252"
Product Overview
The RSN-749AF+ is a Frequency Synthesizer, designed to operate from 714 to 749 MHz for
GSM application. The RSN-749AF+ is packaged in a metal case (size of 0.910" x 0.910" x
0.252") to shield against unwanted signals and noise.The RSN-749AF+ Frequency Synthesizer
can be used as local oscillators in the upconversion and down-conversion sections of wireless
receivers and transmitters, with very high reliability over temperature changes due to use of high
quality components which are secured to substrate with chip adhesive in addition to solder
Key Features
Feature
Advantages
Low phase noise and spurious:
• Phase Noise: -104 dBc/Hz typ. @ 10 kHz offset
• Step Size Spurious: -78 dBc typ.
• Comparison Spurious: -111 dBc typ.
• Reference Spurious: -103 dBc typ.
Low phase noise and spurious improve system EVM (Error
Vector Magnitude).
Fast settling time
Less than 0.04 msec Max within 5 deg can be used for fast settling
applications.
Small size, 0.910" x 0.910" x 0.252"
The small size enables the RSN-749AF+ to be used in compact
designs.
CASE STYLE: JG1228


Similar Part No. - RSN-749AF

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RSN-795AF-119 MINI-RSN-795AF-119 Datasheet
867Kb / 13P
   Frequency Synthesizer
RSN-795AF-119++ MINI-RSN-795AF-119+ Datasheet
867Kb / 13P
   Frequency Synthesizer
More results

Similar Description - RSN-749AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com