Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLHW4100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLHW4100
Description  Ultrabright White LED, Ø 3 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLHW4100 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLHW4100 Datasheet HTML 1Page - Vishay Siliconix VLHW4100 Datasheet HTML 2Page - Vishay Siliconix VLHW4100 Datasheet HTML 3Page - Vishay Siliconix VLHW4100 Datasheet HTML 4Page - Vishay Siliconix VLHW4100 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85198
Rev. 1.0, 13-Jul-10
Vishay Semiconductors
VLHW4100
For technical support, please contact: LED@vishay.com
Note:
Chromaticity coordinate groups are tested at a current pulse direction of 25 ms and a tolerance of ± 0.01.
Note:
Luminous intensity is tested with an accuracy of ± 15 %.
The above type Numbers represent the order groups which include
only a few brightness groups. Only one group will be shipped on each
reel (there will be no mixing of two groups on each reel). In order to
ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where color groups are measured and
binned, single color groups will be shipped on any one reel.
In order to ensure availability, single color groups will not be
orderable.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
WHITE VLHW4100
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLHW4100
IV
4500
7150
11 250
mcd
Chromaticity coordinate x acc. to CIE 1931
IF = 20 mA
x0.33
Chromaticity coordinate y acc. to CIE 1931
IF = 20 mA
y0.33
Angle of half intensity
IF = 20 mA
ϕ
± 22.5
deg
Forward voltage
IF = 20 mA
VF
2.8
3.2
3.8
V
Reverse current
VR = 5 V
IR
50
µA
Temperature coefficient of VF
IF = 20 mA
TCVF
- 4
mV/K
Temperature coefficient of IV
IF = 20 mA
TCIV
- 0.5
% / K
CHROMATICITY COORDINATED CLASSIFICATION
X
Y
X
Y
YU
0.274
0.301
WL
0.317
0.325
0.283
0.284
0.319
0.310
0.307
0.316
0.329
0.319
0.303
0.333
0.329
0.336
YL
0.283
0.284
VU
0.329
0.354
0.290
0.270
0.329
0.336
0.310
0.299
0.345
0.350
0.307
0.316
0.347
0.368
XU
0.303
0.333
VL
0.329
0.336
0.307
0.316
0.329
0.319
0.317
0.325
0.343
0.331
0.315
0.343
0.345
0.350
XL
0.307
0.316
UU
0.347
0.368
0.310
0.299
0.345
0.350
0.319
0.310
0.361
0.365
0.317
0.325
0.364
0.383
WU
0.315
0.343
UL
0.345
0.350
0.317
0.325
0.343
0.331
0.329
0.336
0.357
0.343
0.329
0.354
0.361
0.365
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LIGHT INTENSITY (mcd)
STANDARD
MIN.
MAX.
Z1
4500
5600
Z2
5600
7150
AA
7150
9000
AB
9000
11 250


Similar Part No. - VLHW4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLHW4100 VISHAY-VLHW4100 Datasheet
131Kb / 5P
   Ultrabright White LED, 3 mm
Rev. 1.3, 24-May-13
VLHW4100 VISHAY-VLHW4100 Datasheet
152Kb / 5P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
VLHW4100YLWU VISHAY-VLHW4100YLWU Datasheet
131Kb / 5P
   Ultrabright White LED, 3 mm
Rev. 1.3, 24-May-13
VLHW4100 VISHAY-VLHW4100_V01 Datasheet
152Kb / 5P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
More results

Similar Description - VLHW4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLHW4100YLWU VISHAY-VLHW4100YLWU Datasheet
131Kb / 5P
   Ultrabright White LED, 3 mm
Rev. 1.3, 24-May-13
VLHW4100 VISHAY-VLHW4100_V01 Datasheet
152Kb / 5P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
VLHW4400 VISHAY-VLHW4400 Datasheet
200Kb / 8P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
VLHW5100 VISHAY-VLHW5100 Datasheet
819Kb / 6P
   Ultrabright White LED, Ø 5 mm Untinted Non-Diffused Package
Rev. 1.2, 29-Apr-13
TLCY5800 VISHAY-TLCY5800_V02 Datasheet
146Kb / 7P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCY610 VISHAY-TLCY610_V02 Datasheet
185Kb / 7P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCS5100 VISHAY-TLCS5100 Datasheet
201Kb / 10P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLCR6200 VISHAY-TLCR6200_V02 Datasheet
187Kb / 6P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCY6800 VISHAY-TLCY6800_V02 Datasheet
469Kb / 5P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCY5200 VISHAY-TLCY5200_V02 Datasheet
108Kb / 5P
   Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com