Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSN-3600A-119+ Datasheet(PDF) 6 Page - Mini-Circuits

Part # SSN-3600A-119+
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SSN-3600A-119+ Datasheet(HTML) 6 Page - Mini-Circuits

Back Button SSN-3600A-119+ Datasheet HTML 2Page - Mini-Circuits SSN-3600A-119+ Datasheet HTML 3Page - Mini-Circuits SSN-3600A-119+ Datasheet HTML 4Page - Mini-Circuits SSN-3600A-119+ Datasheet HTML 5Page - Mini-Circuits SSN-3600A-119+ Datasheet HTML 6Page - Mini-Circuits SSN-3600A-119+ Datasheet HTML 7Page - Mini-Circuits SSN-3600A-119+ Datasheet HTML 8Page - Mini-Circuits SSN-3600A-119+ Datasheet HTML 9Page - Mini-Circuits SSN-3600A-119+ Datasheet HTML 10Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Page 6 of 13
SSN-3600A-119+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
REFERENCE
SPURIOUS
ORDER
REFERENCE SPURIOUS
@Fcarrier
3400MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
3500MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
3600MHz+(n*Freference)
(dBc) note 3
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-85.46
-88.22
-90.30
-89.16
-91.87
-95.63
-91.29
-94.61
-97.51
-4
-91.26
-90.78
-90.58
-93.94
-93.27
-92.65
-95.46
-96.18
-94.77
-3
-100.31
-100.10
-96.51
-101.62
-106.05
-97.93
-102.93
-107.82
-100.60
-2
-94.64
-95.09
-92.95
-96.70
-96.69
-95.12
-98.17
-96.77
-97.14
-1
-85.43
-84.91
-83.66
-88.26
-86.30
-85.78
-88.40
-87.11
-88.44
0note 4
-
-
-
-
-
-
-
-
-
+1
-87.08
-87.36
-85.16
-89.61
-88.90
-85.19
-92.59
-89.59
-90.08
+2
-94.57
-94.53
-94.49
-95.71
-94.76
-93.64
-95.48
-94.15
-94.11
+3
-104.96
-103.68
-102.49
-105.50
-109.92
-102.74
-104.69
-111.13
-103.89
+4
-92.27
-92.83
-93.79
-95.14
-97.06
-95.82
-96.63
-98.12
-98.74
+5
-87.88
-91.24
-93.90
-91.90
-95.04
-97.63
-93.36
-95.79
-98.97
Note 1: Comparison frequency 26 MHz
Note 2: All spurs are referenced to carrier signal (n=0).
Note 3: Reference frequency 52 MHz
Note 4: All spurs are referenced to carrier signal (n=0).
COMPARISON
SPURIOUS
ORDER
COMPARISON SPURIOUS
@Fcarrier
3400MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
350MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
3600MHz+(n*Fcomparison)
(dBc) note 1
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-106.01
-107.05
-108.60
-108.93
-105.63
-112.68
-112.21
-103.99
-109.13
-4
-94.66
-95.09
-93.24
-96.76
-96.78
-95.26
-98.27
-96.84
-97.31
-3
-103.97
-102.12
-107.41
-105.35
-105.02
-105.49
-107.54
-110.41
-108.17
-2
-85.64
-84.90
-83.54
-88.32
-86.38
-85.66
-88.42
-87.14
-88.33
-1
-102.85
-97.64
-103.37
-100.26
-98.70
-100.50
-103.10
-104.15
-102.83
0note 2
-
-
-
-
-
-
-
-
-
+1
-101.69
-95.77
-98.54
-99.05
-96.10
-98.36
-97.94
-97.62
-99.92
+2
-87.02
-87.23
-85.10
-89.57
-88.89
-85.12
-92.57
-89.63
-89.87
+3
-107.28
-107.67
-107.69
-104.33
-107.36
-104.84
-109.08
-118.36
-108.02
+4
-94.89
-94.68
-94.24
-95.72
-94.63
-93.51
-95.56
-94.08
-93.79
+5
-110.15
-112.69
-105.36
-115.76
-104.54
-107.57
-107.80
-104.51
-103.31


Similar Part No. - SSN-3600A-119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-3132A-119++ MINI-SSN-3132A-119+ Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-3352A-119 MINI-SSN-3352A-119 Datasheet
899Kb / 13P
   Frequency Synthesizer
SSN-3352A-119++ MINI-SSN-3352A-119+ Datasheet
899Kb / 13P
   Frequency Synthesizer
SSN-3800A-119 MINI-SSN-3800A-119 Datasheet
901Kb / 13P
   Frequency Synthesizer
More results

Similar Description - SSN-3600A-119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com