Electronic Components Datasheet Search |
|
SSND-1014N-119+ Datasheet(PDF) 1 Page - Mini-Circuits |
|
SSND-1014N-119+ Datasheet(HTML) 1 Page - Mini-Circuits |
1 / 11 page ® P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 o RoHS compliant IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp. The Design Engineers Search Engine finds the model you need, Instantly • For detailed performance specs & shopping online see TM SSND-1014N-119+ Frequency Synthesizer Page 1 of 11 50Ω Dual Frequency 1000 and 1440 MHz (fixed) The Big Deal • Dual frequency • Low phase noise and spurious • Very small size 0.60" x 0.60" x 0.138" CASE STYLE: KJ1373 Product Overview The SSND-1014N-119+ is a Dual Frequency Synthesizer, designed to operate at two discrete, single frequency synthesizers 1000 and 1440 MHz for GPS receiver application. The SSND- 1014N-119+ is packaged in a very small metal case (size of 0.60" x 0.60" x 0.138") to shield against unwanted signals and noise. Key Features Feature Advantages Dual frequency For saving in cost and system real estate. Low phase noise and spurious Low phase noise and spurious improve system EVM (Error Vector Magnitude). Very small size, 0.60" x 0.60" x 0.138" The small size enables the SSND-1014N-119+ to be used in compact designs. Low current consumptions Can be used in a portable system. |
Similar Part No. - SSND-1014N-119+ |
|
Similar Description - SSND-1014N-119+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |