Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2315230 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2315230
Description  VIP-2/SC/2FLK14 (1-20) /S7
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2315230 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2315230 Datasheet HTML 1Page - PHOENIX CONTACT 2315230 Datasheet HTML 2Page - PHOENIX CONTACT 2315230 Datasheet HTML 3Page - PHOENIX CONTACT 2315230 Datasheet HTML 4Page - PHOENIX CONTACT 2315230 Datasheet HTML 5Page - PHOENIX CONTACT 2315230 Datasheet HTML 6Page - PHOENIX CONTACT 2315230 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VIP-2/SC/2FLK14 (1-20) /S7 Order No.: 2315230
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2315230
PHOENIX CONTACT Inc., USA
Page 3 / 7
http://www.phoenixcon.com
Dec 15, 2010
Nominal current IN
1 A
AWG/kcmil
30-12
CUL
Nominal voltage UN
125 V
Nominal current IN
1 A
AWG/kcmil
30-12
UL
Nominal voltage UN
125 V
Nominal current IN
1 A
AWG/kcmil
30-12
Accessories
Item
Designation
Description
Cable/conductor
2314040
FLK 14-EZ-DR-HF/...
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable.Length of
cable: Variable
2295729
FLK 14/EZ-DR/ 30/KONFEK
Round cable set, with two 14-pos. socket strips (1:1 connection),
for connecting 8 channels, cable length: 0.3 m
2288901
FLK 14/EZ-DR/ 50/KONFEK
Round cable set, with two 14-pos. socket strips (1:1 connection),
for connecting 8 channels, cable length: 0.5 m
2296977
FLK 14/EZ-DR/ 50/KONFEK/S
Assembled shielded round cable, with two 14-pos. female
connectors (1:1 connection), for connecting 8 channels, length:
0.5 m
2288914
FLK 14/EZ-DR/ 100/KONFEK
Round cable set, with two 14-pos. socket strips (1:1 connection),
for connecting 8 channels, cable length: 1 m
2296980
FLK 14/EZ-DR/ 100/KONFEK/S
Assembled shielded round cable, with two 14-pos. female
connectors (1:1 connection), for connecting 8 channels, length: 1
m
2288927
FLK 14/EZ-DR/ 150/KONFEK
Round cable set, with two 14-pos. socket strips (1:1 connection),
for connecting 8 channels, cable length: 1.5 m
2288930
FLK 14/EZ-DR/ 200/KONFEK
Round cable set, with two 14-pos. socket strips (1:1 connection),
for connecting 8 channels, cable length: 2 m
2297002
FLK 14/EZ-DR/ 200/KONFEK/S
Assembled shielded round cable, with two 14-pos. female
connectors (1:1 connection), for connecting 8 channels, length: 2
m
2288943
FLK 14/EZ-DR/ 250/KONFEK
Round cable set, with two 14-pos. socket strips (1:1 connection),
for connecting 8 channels, cable length: 2.5 m


Similar Part No. - 2315230

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315230 PHOENIX-2315230 Datasheet
210Kb / 3P
   VARIOFACE Professional for system cabling applications
2014-08-08
More results

Similar Description - 2315230

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315243 PHOENIX-2315243 Datasheet
146Kb / 7P
   VIP-2/SC/FLK50 (1-40) /S7
2322333 PHOENIX-2322333 Datasheet
119Kb / 4P
   VIP-2/SC/2FLK14/AB-1756
2322359 PHOENIX-2322359 Datasheet
60Kb / 3P
   Passive module - VIP-2/SC/FLK50/S7/A-S400
2908465 PHOENIX-2908465 Datasheet
190Kb / 15P
   Passive module - VIP-3/PT/2FLK14/AN/2P/S7-1500A
2315023 PHOENIX-2315023 Datasheet
137Kb / 7P
   VIP-2/SC/FLK14
2315010 PHOENIX-2315010 Datasheet
128Kb / 5P
   VIP-2/SC/FLK10
2315036 PHOENIX-2315036 Datasheet
131Kb / 6P
   VIP-2/SC/FLK16
2965143 PHOENIX-2965143 Datasheet
119Kb / 4P
   UM 45- 2FLK14/S7
2315049 PHOENIX-2315049 Datasheet
130Kb / 6P
   VIP-2/SC/FLK20
2322074 PHOENIX-2322074 Datasheet
116Kb / 5P
   VIP-2/SC/FLK20/LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com