Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1.33-282+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # TC1.33-282+
Description  RF Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC1.33-282+ Datasheet(HTML) 2 Page - Mini-Circuits

  TC1.33-282+ Datasheet HTML 1Page - Mini-Circuits TC1.33-282+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 2 of 3
75 to 50
Ω
5 to 2800 MHz
RF Transformer
Balanced to Unbalanced
TC1.33-282+
TC1.33-282+
INSERTION LOSS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
400
800
1200 1600 2000 2400 2800
FREQUENCY (MHz)
Maximum Ratings
Pin Connections
Features
• balancedtounbalancedtransformation
• push-pullamplifiers
• PCS/DCS
• cableTV
• cellular
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
1
SECONDARY
3
NOT USED
2
• suitablefortin/leadandRoHSsoldersystems
• wideband,5to2800MHz
• balancedtransmissionline
• goodreturnloss,20dBtyp.at1dBband
• excellentamplitudeunbalance,0.3dBtyp.
• aqueouswashable
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Electrical Specifications at 25°C, 75
REV. OR
M126191
TC1.33-282+
ED-13828/1
IG/CP/AM
100923
Typical Performance Data, 75
CASE STYLE: AT224-1
PRICE: $1.89 ea. QTY (100)
Outline Drawing
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
1.33
5-2800
5-2800
30-2000
50-1500
6
6
0.3
1.0
*Insertion Loss is referenced to mid-band loss, 1.0 dB typ. Measured in 75
Ω system.
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
Config. K
TC1.33-282+
INPUT RETURN LOSS
5.0
10.0
15.0
20.0
25.0
30.0
0
400
800
1200 1600 2000 2400 2800
FREQUENCY (MHz)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Permanent damage may occur if any of these limits are exceeded.
5.00
1.48
17.72
0.38
3.28
10.00
1.20
21.95
0.21
2.17
30.00
1.08
27.05
0.11
0.55
50.00
1.08
28.04
0.09
0.06
100.00
1.09
28.09
0.08
1.09
500.00
0.99
24.29
0.21
5.00
1000.00
0.97
22.66
0.07
6.34
1500.00
1.20
22.41
0.71
5.18
2000.00
1.64
21.22
1.49
1.64
2400.00
2.13
17.79
2.00
3.40
2800.00
2.76
13.83
2.31
10.70
Outline Dimensions (
)
inch
mm
PC B L and Patter n
Suggested L ayout,
T olerance to be within ±.002
A
B
C
D
E
F
.150
.150
.160
.050
.040
.025
3.81
3.81
4.06
1.27
1.02
0.64
G
H
J
K
L
wt
.028
.065
.190
.030
.007 grams
0.71
1.65
4.83
0.76
0.18
0.15


Similar Part No. - TC1.33-282+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC1.33-282++ MINI-TC1.33-282+ Datasheet
337Kb / 2P
   RF Transformer
TC1.33-282++ MINI-TC1.33-282+ Datasheet
542Kb / 2P
   RF Transformer
TC1.33-282++ MINI-TC1.33-282+_12 Datasheet
337Kb / 2P
   RF Transformer
More results

Similar Description - TC1.33-282+

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com