Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP4P38 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSOP4P38
Description  IR Receiver Modules for Mid Range Proximity Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP4P38 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSOP4P38 Datasheet HTML 1Page - Vishay Siliconix TSOP4P38 Datasheet HTML 2Page - Vishay Siliconix TSOP4P38 Datasheet HTML 3Page - Vishay Siliconix TSOP4P38 Datasheet HTML 4Page - Vishay Siliconix TSOP4P38 Datasheet HTML 5Page - Vishay Siliconix TSOP4P38 Datasheet HTML 6Page - Vishay Siliconix TSOP4P38 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
Document Number: 83305
404
Rev. 1.1, 23-Sep-10
TSOP4P..
Vishay Semiconductors IR Receiver Modules for Mid Range
Proximity Sensors
Fig. 9 - Max. Output Pulse Width vs. Irradiance
Fig. 10 - Sensitivity vs. Ambient Temperature
Fig. 11 - Relative Spectral Sensitivity vs. Wavelength
Fig. 12 - Horizontal Directivity
Fig. 13 - Sensitivity vs. Supply Voltage
22088
0
20
40
60
80
100
120
140
160
180
200
0.1
1
10
100
Ee - Irradiance (mW/m
2)
Burst length = 300 ms, f = f
O
Tamb - Ambient Temperature (°C)
21397_1
0
0.05
0.1
0.15
0.2
0.25
0.3
- 30
- 10
10
30
50
70
90
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750
850
950
1050
1150
λ - Wavelength (nm)
16919
96 12223p2
0.4
0.2
0
0.6
0.9
30°
10°
20°
40°
50°
60°
70°
80°
1.0
0.8
0.7
drel - Relative Transmission Distance
0
0.05
0.1
0.15
0.2
0.25
0.4
1.5
2.5
3.5
4.5
5.5
VS - Supply Voltage (V)
21398_1
0.3
0.35


Similar Part No. - TSOP4P38

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 28-Mar-12
TSOP41 VISHAY-TSOP41 Datasheet
268Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 2, 15-Oct-2002
TSOP41 VISHAY-TSOP41 Datasheet
219Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP41.. VISHAY-TSOP41.. Datasheet
219Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP4130 VISHAY-TSOP4130 Datasheet
183Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 7, 29 Mar-01
More results

Similar Description - TSOP4P38

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP4P38 VISHAY-TSSP4P38_V02 Datasheet
179Kb / 7P
   IR Mid Range Proximity Sensors
01-Jan-2023
TSSP4P38 VISHAY-TSSP4P38 Datasheet
115Kb / 6P
   IR Mid Range Proximity Sensors
Rev. 1.6, 01-Jun-15
TSSP4P38 VISHAY-TSSP4P38_V01 Datasheet
179Kb / 7P
   IR Mid Range Proximity Sensors
01-Jan-2022
TSSP6P38 VISHAY-TSSP6P38 Datasheet
627Kb / 26P
   IR Mid Range Proximity Sensor
Rev. 1.8, 14-Apr-16
TSSP6P38 VISHAY-TSSP6P38_V02 Datasheet
386Kb / 13P
   IR Mid Range Proximity Sensor
01-Jan-2023
TSSP58P38 VISHAY-TSSP58P38 Datasheet
125Kb / 6P
   IR Detector for Mid Range Proximity Sensor
Rev. 1.2, 31-Jan-13
TSSP77P38 VISHAY-TSSP77P38_V01 Datasheet
367Kb / 13P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP6P38 VISHAY-TSSP6P38_V01 Datasheet
386Kb / 13P
   IR Mid Range Proximity Sensor
01-Jan-2022
TSSP77P38 VISHAY-TSSP77P38_18 Datasheet
715Kb / 26P
   IR Detector for Mid Range Proximity Sensor
Rev. 2.1, 09-Oct-2018
TSSP58P38 VISHAY-TSSP58P38_V02 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com