Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR880DP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIR880DP
Description  N-Channel 80 V (D-S) MOSFET 100 % UIS Tested
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR880DP Datasheet(HTML) 4 Page - Vishay Siliconix

  SIR880DP Datasheet HTML 1Page - Vishay Siliconix SIR880DP Datasheet HTML 2Page - Vishay Siliconix SIR880DP Datasheet HTML 3Page - Vishay Siliconix SIR880DP Datasheet HTML 4Page - Vishay Siliconix SIR880DP Datasheet HTML 5Page - Vishay Siliconix SIR880DP Datasheet HTML 6Page - Vishay Siliconix SIR880DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 65702
S10-0635-Rev. A, 22-Mar-10
Vishay Siliconix
SiR880DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-Drain Voltage (V)
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
- 0.8
- 0.5
- 0.2
0.1
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.01
0.02
0.03
0.04
0.05
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
0
40
80
120
160
200
0
1
1
1
0
0
.
00.01
Time (s)
0.1
Safe Operating Area, Junction-to-Ambient
0.01
100
1
100
0.01
0.1
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) isspecified
0.1
1
10
10
TA = 25 °C
Single Pulse
Limited by RDS(on)*
BVDSS Limited
1ms
10 ms
100 ms
1 s
DC
10 s


Similar Part No. - SIR880DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP VISHAY-SIR880DP Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR880DP VISHAY-SIR880DP Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
Vishay Telefunken
SIR880DP TFUNK-SIR880DP Datasheet
334Kb / 13P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP-T1-GE3 VISHAY-SIR880DP-T1-GE3 Datasheet
369Kb / 13P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
SIR880DP_1011 VISHAY-SIR880DP_1011 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
More results

Similar Description - SIR880DP

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4410 DINTEK-DTM4410_13 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET 100 % Rg and UIS Tested
logo
Taiwan Semiconductor Co...
TSM4NC50CP TSC-TSM4NC50CP Datasheet
436Kb / 6P
   100% UIS and Rg tested
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com