Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9C12063A10R0FKHFT Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 9C12063A10R0FKHFT
Description  RF Power Field Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

9C12063A10R0FKHFT Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 9C12063A10R0FKHFT Datasheet HTML 6Page - Freescale Semiconductor, Inc 9C12063A10R0FKHFT Datasheet HTML 7Page - Freescale Semiconductor, Inc 9C12063A10R0FKHFT Datasheet HTML 8Page - Freescale Semiconductor, Inc 9C12063A10R0FKHFT Datasheet HTML 9Page - Freescale Semiconductor, Inc 9C12063A10R0FKHFT Datasheet HTML 10Page - Freescale Semiconductor, Inc 9C12063A10R0FKHFT Datasheet HTML 11Page - Freescale Semiconductor, Inc 9C12063A10R0FKHFT Datasheet HTML 12Page - Freescale Semiconductor, Inc 9C12063A10R0FKHFT Datasheet HTML 13Page - Freescale Semiconductor, Inc 9C12063A10R0FKHFT Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
RF Device Data
Freescale Semiconductor
MRF8S9102NR3
TYPICAL CHARACTERISTICS — 865--895 MHz
820
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 12. Output Peak--to--Average Ratio Compression (PARC)
Broadband Performance @ Pout = 28 Watts Avg.
--5
--15
17
27
--36
40
38
36
--32
ηD
26
25
23
840
860
880
900
920
940
960
980
--31
--25
--2
0
--2.5
0
3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @
0.01% Probability on CCDF
18
19
20
21
22
24
34
32
--33
--34
--35
--10
--20
--1.5
--1
--0.5
1
ACPR
Pout, OUTPUT POWER (WATTS) AVG.
Figure 13. Single--Carrier W--CDMA Power Gain, Drain
Efficiency and ACPR versus Output Power
--10
18
24
0
60
50
40
30
20
10
100
10
--60
23
22
0
--20
21
20
19
--50
--40
--30
865 MHz
Gps
895 MHz 880 MHz
Figure 14. Broadband Frequency Response
0
30
700
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin =0 dBm
IDQ = 750 mA
15
10
750
25
800
850
900
1000
1100
IRL
--24
0
--4
--8
--12
--16
--20
5
20
1050
950
PARC
VDD =28 Vdc,Pout =28 W (Avg.),IDQ = 750 mA
Single--Carrier W--CDMA
865 MHz
880 MHz
895 MHz
ηD
VDD =28 Vdc,IDQ = 750 mA, Single--Carrier
W--CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF
895 MHz
865 MHz
880 MHz
Gain


Similar Part No. - 9C12063A10R0FKHFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9C10C0G104J050B ETC-9C10C0G104J050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
9C10C0G104J050R ETC-9C10C0G104J050R Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
9C10C0G104K050B ETC-9C10C0G104K050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
9C10C0G104K050R ETC-9C10C0G104K050R Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
9C10C0G104M050B ETC-9C10C0G104M050B Datasheet
483Kb / 4P
   TYPES 1C - 9C Ceramic Capacitors
More results

Similar Description - 9C12063A10R0FKHFT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com