Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC378000RP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC378000RP
Description  Internally Synchronized Silicon Gate 8M (1,048,576-word x 8-bit, 524,288-word x 16-bit) Mask ROM
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC378000RP Datasheet(HTML) 1 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Overview
The LC378000RP is an 8-Mbit mask ROM that can be
switched between byte mode, which provides an 8-bit
×
1,048,576-word structure, and word mode, which provides
a 16-bit
× 524,288-word structure. Since this device
operates over the wide supply voltage range of 2.6 to
5.5 V and achieves access times (tAA) of 100 ns (at VCC =
4.5 to 5.5 V) and 200 ns (at VCC = 2.6 to 5.5 V), it can be
used in a wide range of systems, from 5-V systems
requiring high-speed access to 3-V battery operated
systems.
Features
• Supply voltage range: 2.6 to 5.5 V
• Access time (tAA): 100 ns (VCC = 4.5 to 5.5 V)
(tCA): 110 ns (VCC = 4.5 to 5.5 V)
200 ns (VCC = 2.6 to 5.5 V)
• Switchable between 8-bit and 16-bit data path widths
Byte mode: 1,048,576 words
× 8 bits
Word mode: 524,288 words
× 16 bits
• Operating current drain: 90 mA (maximum)
• Standby current: 30 µA (maximum)
• Fully static operation (internal synchronization)
• Three-state outputs
• Package: 42-pin DIP (600 mil) plastic package
Package Dimensions
unit: mm
3014A-DIP42
CMOS IC
42098RM (OT) No. 5793-1/4
Preliminary
SANYO: DIP42
[LC378000RP]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Internally Synchronized Silicon Gate 8M (1,048,576-
word
× 8-bit, 524,288-word × 16-bit) Mask ROM
LC378000RP
Ordering number : EN*5793


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn