Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2315023 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2315023
Description  VIP-2/SC/FLK14
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2315023 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2315023 Datasheet HTML 1Page - PHOENIX CONTACT 2315023 Datasheet HTML 2Page - PHOENIX CONTACT 2315023 Datasheet HTML 3Page - PHOENIX CONTACT 2315023 Datasheet HTML 4Page - PHOENIX CONTACT 2315023 Datasheet HTML 5Page - PHOENIX CONTACT 2315023 Datasheet HTML 6Page - PHOENIX CONTACT 2315023 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VIP-2/SC/FLK14 Order No.: 2315023
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2315023
PHOENIX CONTACT Deutschland GmbH
Page 2 / 7
http://www.phoenixcontact.de
Mar 15, 2010
Height
56 mm
Depth
65.5 mm
Status display
No
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Mounting position
Any
Standards/regulations
IEC 60664
DIN EN 50178
IEC 62103
Pollution degree
2
Surge voltage category
II
Connection data
Type of connection
Screw connection
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Stripping length
8 mm
Screw thread
M 3
Connection 2
Flat-ribbon cable connection
Type of connection
Flat-ribbon cable plug connector in acc. with IEC 60603-13
Number of positions
14
Certificates / Approvals
Certification
CSA, CUL, UL
CSA
Nominal voltage UN
125 V
Nominal current IN
1 A
AWG/kcmil
30-12


Similar Part No. - 2315023

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315023 PHOENIX-2315023 Datasheet
207Kb / 3P
   VARIOFACE Professional for ribbon cable connectors
05/2009
More results

Similar Description - 2315023

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315214 PHOENIX-2315214 Datasheet
136Kb / 7P
   VIP-2/SC/FLK14/PLC
2322249 PHOENIX-2322249 Datasheet
119Kb / 4P
   VIP-2/SC/FLK14/LED/PLC
2322294 PHOENIX-2322294 Datasheet
118Kb / 4P
   VIP-2/SC/FLK14/8P/PLC
2322058 PHOENIX-2322058 Datasheet
56Kb / 3P
   Interface module - VIP-2/SC/FLK14/LED
2322281 PHOENIX-2322281 Datasheet
69Kb / 6P
   Passive module - VIP-2/SC/FLK14/8M/PLC
2905855 PHOENIX-2905855 Datasheet
55Kb / 3P
   Passive module - VIP-2/SC/FLK14/8M/PLC SO
2322278 PHOENIX-2322278 Datasheet
71Kb / 7P
   Passive module - VIP-3/SC/FLK14/8IM/PLC
2322265 PHOENIX-2322265 Datasheet
74Kb / 6P
   Passive module - VIP-3/SC/FLK14/8IM/LED/PLC
2315010 PHOENIX-2315010 Datasheet
128Kb / 5P
   VIP-2/SC/FLK10
2315036 PHOENIX-2315036 Datasheet
131Kb / 6P
   VIP-2/SC/FLK16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com