Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC374500ST Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC374500ST
Description  Internal Synchronization Silicon Gate 4M (524288-word x 8-bit) mask ROM Pin Compatible with Flash Memory
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC374500ST Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC374500ST Datasheet HTML 1Page - Sanyo Semicon Device LC374500ST Datasheet HTML 2Page - Sanyo Semicon Device LC374500ST Datasheet HTML 3Page - Sanyo Semicon Device LC374500ST Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Overview
The LC374500ST is a 524288-word
× 8-bit (4M) mask
programmable ROM that is pin compatible with flash
memory. Since this product supports the wide operating
voltage range of 2.6 to 5.5 V and achieves access times of
100 ns (tCA) when VCC is between 4.5 and 5.5 V and 200
ns when VCC is between 2.6 and 5.5 V, it can be used both
in high-speed 5-V systems and battery-operated 3-V
systems. Since this product is pin compatible with flash
memory it can replace flash memory used during
prototyping and production.
Features
• 524288-word
× 8-bit organization
• Wide supply voltage range: 2.6 to 5.5 V
• Access times (tAA): 120 ns (maximum) at VCC = 4.5 to
5.5 V
(tCA): 100 ns (maximum) at VCC = 4.5 to
5.5 V
200 ns (maximum) at VCC = 2.6 to
5.5 V
• Operating supply current: 50 mA (maximum)
• Standby mode supply current: 30 µA (maximum)
• Fully static operation (internal synchronization)
• Three-state outputs
• Pin compatible with flash memory
• Package—32-pin TSOP ( 8
× 20 mm) plastic package:
LC374500ST
Package Dimensions
unit: mm
3224-TSOP32
CMOS LSI
22898HA (OT) No. 5610-1/4
Preliminary
SANYO: TSOP32
[LC374500ST]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Internal Synchronization Silicon Gate 4M (524288-word
× 8-bit) mask ROM Pin Compatible with Flash Memory
LC374500ST
Ordering number : EN*5610A


Similar Part No. - LC374500ST

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC374100ST SANYO-LC374100ST Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
logo
Marktech Corporate
LC374TWN1-25G-A1 MARKTECH-LC374TWN1-25G-A1 Datasheet
49Kb / 2P
   Ultra Bright White 3mm LED
LC374TWN1-25H-A1 MARKTECH-LC374TWN1-25H-A1 Datasheet
24Kb / 2P
   Ultra Bright White 3mm LED
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results

Similar Description - LC374500ST

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN62334B HITACHI-HN62334B Datasheet
822Kb / 7P
   524288-word x 8-bit CMOS Mask Programmable ROM
HN62408 HITACHI-HN62408 Datasheet
189Kb / 5P
   524288-WORD X 16-BIT/1048576-WORD X 8-BIT CMOS MASK PROGRAMMABLE ROM
logo
Sanyo Semicon Device
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
logo
Hitachi Semiconductor
HN29WT800 HITACHI-HN29WT800 Datasheet
180Kb / 37P
   1048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory
logo
OKI electronic componet...
MSM532001B OKI-MSM532001B Datasheet
118Kb / 4P
   262,144-Word x 8-Bit Mask ROM
MSM531601D OKI-MSM531601D Datasheet
246Kb / 4P
   2,097,152-Word x 8-Bit Mask ROM
logo
Toshiba Semiconductor
TC53257P TOSHIBA-TC53257P Datasheet
189Kb / 4P
   256K BIT (32K WORD x 8 BIT) CMOS MASK ROM SILICON GATE MOS
TMM23256P TOSHIBA-TMM23256P Datasheet
262Kb / 6P
   256K BIT(32K WORD x 8 BIT) MASK ROM N-CHANNEL SILICON GATE
logo
King blillion Electroni...
HF88M32B KB-HF88M32B Datasheet
365Kb / 15P
   command interfaced 4M x 8 bit Mask ROM
logo
Sanyo Semicon Device
LC378000RP SANYO-LC378000RP Datasheet
53Kb / 4P
   Internally Synchronized Silicon Gate 8M (1,048,576-word x 8-bit, 524,288-word x 16-bit) Mask ROM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com