Electronic Components Datasheet Search |
|
PK10N256VML150 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
PK10N256VML150 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 60 page K10P81M100SF2 K10 Sub-Family Data Sheet Supports the following: MK10N512VLK100, MK10N512VMB100 Features • Operating Characteristics – Voltage range: 1.71 to 3.6 V – Flash write voltage range: 1.71 to 3.6 V – Temperature range (ambient): -40 to 105°C • Performance – Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz • Memories and memory interfaces – Up to 512 KB program flash memory on non- FlexMemory devices – Up to 128 KB RAM – Serial programming interface (EzPort) – FlexBus external bus interface • Clocks – 1 to 32 MHz crystal oscillator – 32 kHz crystal oscillator – Multi-purpose clock generator • System peripherals – 10 low-power modes to provide power optimization based on application requirements – Memory protection unit with multi-master protection – 16-channel DMA controller, supporting up to 64 request sources – External watchdog monitor – Software watchdog – Low-leakage wakeup unit • Security and integrity modules – Hardware CRC module to support fast cyclic redundancy checks – Hardware random-number generator – 128-bit unique identification (ID) number per chip • Human-machine interface – Low-power hardware touch sensor interface (TSI) – General-purpose input/output • Analog modules – 16-bit SAR ADC with PGA (x64) – 12-bit DAC – Analog comparator (CMP) containing a 6-bit DAC and programmable reference input – Voltage reference • Timers – Programmable delay block – Eight-channel motor control/general purpose/PWM timers – Two-channel quadrature decoder/general purpose timers – Periodic interrupt timers – 16-bit low-power timer – Carrier modulator transmitter – Real-time clock • Communication interfaces – Controller Area Network (CAN) module – SPI modules – I2C modules – UART modules – Secure Digital host controller (SDHC) – I2S Freescale Semiconductor Document Number: K10P81M100SF2 Data Sheet: Product Preview Rev. 1, 11/2010 This document contains information on a product under development. Freescale reserves the right to change or discontinue this product without notice. © 2010–2010 Freescale Semiconductor, Inc. Preliminary |
Similar Part No. - PK10N256VML150 |
|
Similar Description - PK10N256VML150 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |