Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC5674FMVYA264 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PPC5674FMVYA264
Description  MPC5674F Microcontroller Data Sheet
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5674FMVYA264 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PPC5674FMVYA264 Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5674FMVYA264 Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5674FMVYA264 Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5674FMVYA264 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5674FMVYA264 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5674FMVYA264 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5674FMVYA264 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5674FMVYA264 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5674FMVYA264 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 132 page
background image
MPC5674F Blocks
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
5
2
MPC5674F Blocks
2.1
Block Diagram
Figure 2 shows a top-level block diagram of the MPC5674F device.
Figure 2. Block Diagram
3
Pin Assignments
The figures in this section show the primary pin function. For the full signal properties and muxing table, see Appendix A,
Signal Properties and Muxing.
JTAG
MPC5674F
eTPU2
32
6KB
Data
24KB
Code
eMIOS
32
Channel
Channel
eTPU2
32
Channel
RAM
RAM
Crossbar Switch
MPU
eDMA2
eDMA2
64 Channel
32 Channel
Interrupt
Controller
SPE2
VLE
MMU
Power™
16K
I-Cache
16K
D-Cache
e200z7 Core
Nexus
FlexRay
EBI
(Calibration
&
Development
Use)
ADCi
AMux
ADCi
I/O
Bridge
4MB
Flash
256KB SRAM
(32K S/B)
Boot Assist
Module
SIU
I/O
Bridge
ADC
– Analog to digital convertor
ADCi
– ADC interface
AMux
– Analog multiplexer
DECFIL – Decimation filter
DSPI
– Deserial/serial peripheral interface
EBI
– External bus interface
ECSM
– Error correction status module
eDMA2 – Enhanced direct memory access
eMIOS
– Enhanced modular I/O system
eQADC – Enhanced queued A/D converter module
eSCI
– Enhanced serial communications interface
eTPU2
– Enhanced time processing unit 2
FlexCAN– Controller area network
MMU
– Memory management unit
MPU
– Memory protection unit
S/B
– Stand-by
SIU
– System integration unit
SPE2
– Signal processing engine 2
SRAM
– General-purpose static RAM
VLE
– Variable length instruction encoding
LEGEND
eQADC eQADC
ECSM


Similar Part No. - PPC5674FMVYA264

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PPC5674FA0MVR2 NXP-PPC5674FA0MVR2 Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
PPC5674FA0MVR2R NXP-PPC5674FA0MVR2R Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
PPC5674FA0MVR3 NXP-PPC5674FA0MVR3 Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
PPC5674FA0MVR3R NXP-PPC5674FA0MVR3R Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
PPC5674FA0MVV2 NXP-PPC5674FA0MVV2 Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results

Similar Description - PPC5674FMVYA264

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
logo
Freescale Semiconductor...
MPC5674F FREESCALE-MPC5674F_12 Datasheet
1Mb / 133P
   MPC5674F Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
   MPC5566 Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com