Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC3564RT-15LV Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC3564RT-15LV
Description  64K (8192 words x 8 bits) SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564RT-15LV Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC3564RT-15LV Datasheet HTML 1Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 2Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 3Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 4Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 5Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 6Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 7Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 8Page - Sanyo Semicon Device LC3564RT-15LV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LC3564RM,RT-10LV/12LV/15LV
No. 4484—4/10
3V Operation
DC Recommended Operating Ranges at Ta = –40 to +85
°C, V
CC = 2.7 to 3.6V
DC Electrical Characteristics at Ta = –40 to +85
°C, V
CC = 2.7 to 3.6V
* When pulsewidth is less than 30 ns, the minimum value is -2.0V.
*VCC = 3.0V, Ta = 25°C
Parameter
Symbol
Ratings
Unit
min.
typ.
max.
Supply voltage
VCC
2.7
3.0
3.6
V
Input voltage
VIH
0.8VCC
-VCC + 0.3
V
VIL
−0.3*
-
0.2VCC
V
Parameter
Symbol
Conditions
Ratings
Unit
min.
typ.*
max.
Input leakage current
ILI
VIN = 0V to VCC
−1.0
-
+1.0
µA
I/O leakage current
ILO
VCE1 = VIH or VCE2 = VIL or
VOE = VIH or VWE = VIL ,
VI/O = 0V to VCC
−1.0
-
+1.0
µA
Output high level voltage
VOH
IOH = −2.0mA
VCC − 0.4
-
-
V
Output low level voltage
VOL
IOL = 2.0mA
-
-
0.4
V
Operating supply
current
VCC – 0.2V/0.2V input
ICCA1
VCE1 ≤ 0.2V,
VCE2 ≥ VCC– 0.2V,
II/O = 0mA,
VIN ≤ 0.2V or
VIN ≥ VCC– 0.2V
Ta
≤ 70°C
-
0.01
1.0
µA
Ta
≤ 85°C
-
-
3.0
µA
CMOS input
ICCA2
VCE1 = VIL, VCE2 = VIH,
II/O = 0mA, VIN = VIH or VIL
--
4mA
ICCA3
VCE1 = VIL,
VCE2 = VIH,
II/O = 0mA,
duty = 100%
min. cycle
-
-
25
mA
200 ns cycle
-
-
15
mA
1
µs cycle
-
-
10
mA
Standby supply
current
VCC − 0.2V/0.2V input
ICCS1
VCE2 ≤ 0.2V or
{VCE1 ≥ VCC− 0.2V,
VCE2 ≥ VCC− 0.2V}
Ta
≤ 70°C
-
0.01
1.0
µA
Ta
≤ 85°C
-
-
3.0
µA
CMOS input
ICCS2
VCE2 = VIL or VCE1 = VIH,
VIN = 0V to VCC
--
1mA


Similar Part No. - LC3564RT-15LV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Similar Description - LC3564RT-15LV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
Sanyo Semicon Device
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com