Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX25 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MCIMX25
Description  i.MX25 Applications Processor for Automotive Products
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX25 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MCIMX25_11 Datasheet HTML 61Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 62Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 63Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 64Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 65Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 66Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 67Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 68Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 140 page
background image
i.MX25 Applications Processor for Automotive Products, Rev. 8
Freescale Semiconductor
65
Table 50 shows values for a command/address slew rate of 1 V/ns and an SDCLK, SDCLK_B differential
slew rate of 2 V/ns. Table 51 shows additional values for DDR2-400 and DDR2-533.
DDR4
CS, RAS, CAS, CKE, WE setup time
tIS
0.35
ns
DDR5
CS, RAS, CAS, CKE, WE hold time
tIH
0.475
ns
DDR6
Address output setup time
tIS
0.35
ns
DDR7
Address output hold time
tIH
0.475
ns
Table 51. tlS, tlH Derating Values for DDR2-400, DDR2-533
Command/
Address
Slew Rate (V/Ns)
CK, CK Differential Slew Rate
Units
2.0 V/ns
1.5 V/ns
1.0 V/ns
ΔtlS
ΔtlH
ΔtlS
ΔtlH
ΔtlS
ΔtlH
4.0
+187
+94
+217
+124
+247
+154
ps
3.5
+179
+89
+209
+119
+239
+149
ps
3.0
+167
+83
+197
+113
+227
+143
ps
2.5
+150
+75
+180
+105
+210
+135
ps
2.0
+125
+45
+155
+75
+185
+105
ps
1.5
+83
+21
+113
+51
+143
+81
ps
1.0
0
0
+30
+30
+60
+60
ps
0.9
–11
–14
+19
+16
+49
+46
ps
0.8
–25
–31
+5
–1
+35
+29
ps
0.7
–43
–54
–13
–24
+17
+6
ps
0.6
–67
–83
–37
–53
–7
–23
ps
0.5
–110
–125
–80
–95
–50
–65
ps
0.4
–175
–188
–145
–158
–115
–128
ps
0.3
–285
–292
–255
–262
–225
–232
ps
0.25
–350
–375
–320
–345
–290
–315
ps
0.2
–525
–500
–495
–470
–465
–440
ps
0.15
–800
–708
–770
–678
–740
–648
ps
0.1
–1450
–1125
–1420
–1095
–1390
–1065
ps
Table 50. DDR2 SDRAM Timing Parameter Table (continued)
ID
Parameter
Symbol
DDR2-400
Unit
Min.
Max.


Similar Part No. - MCIMX25_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results

Similar Description - MCIMX25_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com