Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX25 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MCIMX25
Description  i.MX25 Applications Processor for Automotive Products
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX25 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MCIMX25_11 Datasheet HTML 34Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 38Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 140 page
background image
i.MX25 Applications Processor for Automotive Products, Rev. 8
38
Freescale Semiconductor
Note:
1. Maximum condition for tpr, tpo, tpi, and tpv: wcs model, 1.1 V, I/O 3.0 V, and 105 °C. Minimum condition for tpr, tpo, and tpv:
bcs model, 1.3 V, I/O 3.6 V and –40 °C. Input transition time from core is 1 ns (20%–80%).
2. Minimum condition for tps: wcs model, 1.1 V, I/O 3.0 V, and 105 °C. tps is measured between VIL to VIH for rising edge and
between VIH to VIL for falling edge.
3. Maximum condition for tdit: bcs model, 1.3 V, I/O 3.6 V, and –40 °C.
4. Maximum condition for tpi and trfi: wcs model, 1.1 V, I/O 3.0 V and 105 °C. Minimum condition for tpi and trfi: bcs model, 1.3 V,
I/O 3.6 V and –40 °C. Input transition time from pad is 5 ns (20%–80%).
Table 28 shows AC parameters for SDRAM pbijtov18_33_ddr_clk I/O.
Output pad slew rate (max. drive)
tps
25 pF
50 pF
1.11/1.20
0.97/0.65
1.74/1.75
0.92/0.94
2.42/2.46
1.39/1.30
V/ns
2
Output pad slew rate (high drive)
tps
25 pF
50 pF
0.76/0.80
0.40/0.43
1.16/1.19
0.61/0.63
1.76/1.66
0.93/0.87
V/ns
Output pad slew rate (standard drive)
tps
25 pF
50 pF
0.38/0.41
0.20/0.22
0.59/0.60
0.31/0.32
0.89/0.82
0.47/0.43
V/ns
Output pad dI/dt (max. drive)
tdit
25 pF
50 pF
89
94
198
209
398
421
mA/ns
3
Output pad dI/dt (high drive)
tdit
25 pF
50 pF
59
62
132
139
265
279
mA/ns
Output pad dI/dt (standard drive)
tdit
25 pF
50 pF
29
31
65
69
132
139
mA/ns
Input pad transition times
trfi
1.0 pF
0.07/0.08
0.11/0.12
0.16/0.20
ns
4
Input pad propagation delay, 50%–50%
tpi
1.0 pF
0.35/1.17
0.63/1.53
1.16/2.04
ns
Input pad propagation delay, 40%–60%
tpi
1.18/1.99
1.45/2.35
1.97/2.85
Table 28. AC Parameters for SDRAM pbijtov18_33_ddr_clk I/O
Parameter
Symbol
Load
Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units
Notes
Duty cycle
Fduty
40
50
60
%
Clock frequency
f
133
MHz
1
Output pad transition times (max. drive)
tpr
25 pF
50 pF
0.82/0.87
1.56/1.67
1.14/1.13
2.13/2.09
1.62/1.50
3.015/2.7
7
ns
1
Output pad transition times (high drive)
tpr
25 pF
50 pF
1.23/1.31
2.31/2.47
1.71/1.68
3.22/3.12
2.39/2.22
4.53/4.16
ns
Output pad transition times (standard drive)
tpr
25 pF
50 pF
2.44/2.60
4.65/4.99
3.38/3.27
6.38/6.23
4.73/4.38
9.05/8.23
ns
Table 27. AC Parameters for SDRAM I/O (continued)
Parameter
Symbol
Load
Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units
Notes


Similar Part No. - MCIMX25_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results

Similar Description - MCIMX25_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com