Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSN-2300A-1119+ Datasheet(PDF) 6 Page - Mini-Circuits

Part # DSN-2300A-1119+
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DSN-2300A-1119+ Datasheet(HTML) 6 Page - Mini-Circuits

Back Button DSN-2300A-1119+ Datasheet HTML 2Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 3Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 4Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 5Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 6Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 7Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 8Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 9Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 10Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6 of 11
DSN-2300A-1119+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
REFERENCE
SPURIOUS
ORDER
REFERENCE SPURIOUS
@Fcarrier
1690MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
2000MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
2310MHz+(n*Freference)
(dBc) note 3
n
-38°C
+25°C
+85°C
-38°C
+25°C
+85°C
-38°C
+25°C
+85°C
-5
-133.80
-129.02
-129.64
-133.29
-129.47
-131.52
-128.33
-133.29
-134.79
-4
-132.95
-132.74
-129.95
-130.25
-130.93
-127.44
-135.33
-133.32
-134.89
-3
-123.37
-121.31
-119.50
-124.26
-119.21
-123.08
-122.32
-124.97
-123.39
-2
-133.02
-129.24
-128.24
-131.95
-129.92
-125.45
-129.19
-128.59
-131.04
-1
-114.90
-115.46
-113.37
-115.86
-114.51
-115.37
-118.09
-117.80
-120.18
0note 4
-
-
-
-
-
-
-
-
-
+1
-119.00
-118.28
-115.94
-118.78
-115.72
-117.18
-118.10
-119.46
-121.45
+2
-133.38
-129.14
-127.66
-133.85
-132.80
-128.32
-133.30
-129.83
-129.13
+3
-123.41
-129.01
-125.22
-122.61
-120.82
-119.94
-126.13
-122.83
-122.09
+4
-130.93
-134.55
-132.26
-133.55
-132.36
-131.69
-135.35
-132.37
-133.77
+5
-129.85
-133.62
-132.99
-133.88
-129.03
-130.27
-134.07
-134.91
-133.31
COMPARISON
SPURIOUS
ORDER
COMPARISON SPURIOUS
@Fcarrier
1690MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
2000MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
2310MHz+(n*Fcomparison)
(dBc) note 1
n
-38°C
+25°C
+85°C
-38°C
+25°C
+85°C
-38°C
+25°C
+85°C
-5
-117.51
-118.76
-114.69
-117.07
-118.73
-115.11
-124.79
-119.65
-114.02
-4
-113.75
-119.93
-115.31
-114.95
-116.67
-112.64
-121.15
-118.68
-111.42
-3
-111.70
-115.77
-108.73
-110.18
-113.37
-107.98
-115.14
-114.08
-106.30
-2
-106.60
-109.36
-102.76
-105.33
-106.43
-102.71
-107.26
-110.82
-99.75
-1
-91.86
-97.17
-91.98
-93.99
-94.29
-90.84
-93.28
-101.15
-86.01
0note 2
-
-
-
-
-
-
-
-
-
+1
-91.16
-98.27
-91.51
-94.02
-93.93
-91.93
-92.69
-102.02
-86.55
+2
-104.36
-108.97
-102.93
-103.83
-106.78
-104.24
-105.54
-110.50
-99.68
+3
-111.28
-114.72
-108.18
-110.61
-114.41
-108.58
-115.87
-112.74
-106.80
+4
-113.75
-117.98
-114.14
-114.10
-118.99
-113.04
-121.95
-116.71
-112.77
+5
-114.72
-120.47
-119.43
-117.61
-124.23
-116.11
-126.22
-120.52
-116.52
Note 1: Comparison frequency 250 kHz
Note 2: All spurs are referenced to carrier signal (n=0).
Note 3: Reference frequency 10 MHz
Note 4: All spurs are referenced to carrier signal (n=0).


Similar Part No. - DSN-2300A-1119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DSN-2000A-219++ MINI-DSN-2000A-219+ Datasheet
806Kb / 11P
   50廓 1200 to 2200 MHz
DSN-2000A-419 MINI-DSN-2000A-419 Datasheet
823Kb / 11P
   Frequency Synthesizer
DSN-2000A-419++ MINI-DSN-2000A-419+ Datasheet
823Kb / 11P
   Frequency Synthesizer
DSN-2036A-119 MINI-DSN-2036A-119 Datasheet
891Kb / 13P
   Frequency Synthesizer
DSN-2036A-119++ MINI-DSN-2036A-119+ Datasheet
891Kb / 13P
   Frequency Synthesizer
More results

Similar Description - DSN-2300A-1119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com