Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSN-2300A-1119+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # DSN-2300A-1119+
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DSN-2300A-1119+ Datasheet(HTML) 3 Page - Mini-Circuits

  DSN-2300A-1119+ Datasheet HTML 1Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 2Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 3Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 4Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 5Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 6Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 7Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 8Page - Mini-Circuits DSN-2300A-1119+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 3 of 11
DSN-2300A-1119+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Frequency Range
-
1690
-
2310
MHz
Step Size
-
-
250
-
kHz
Settling Time
Within ± 1 kHz
-
40
-
mSec
Output Power
-
+2.5
+5.8
+8.5
dBm
SSB Phase Noise
@ 100 Hz offset
-
-65
-
dBc/Hz
@ 1 kHz offset
-
-71
-60
@ 10 kHz offset
-
-94
-87
@ 100 kHz offset
-
-117
-109
@ 1 MHz offset
-
-138
-132
Reference Spurious Suppression
Ref. Freq. 10 MHz
-
-115
-90
dBc
Comparison Spurious Suppression
Step Size 250 kHz
-
-94
-70
Non - Harmonic Spurious Suppression
-
-
-90
-
Harmonic Suppression
-
-
-30
-15
VCO Supply Voltage
+5.00
+4.75
+5.00
+5.25
V
PLL Supply Voltage
+12.50
+12.25
+12.50
+12.75
VCO Supply Current
-
-
34
42
mA
PLL Supply Current
-
-
14
21
Reference Input
(External)
Frequency
10 (square wave)
ensure slew rate (SR) > 50 V/µs
-
10
-
MHz
Amplitude
1
-
1
-
V
P-P
Input impedance
-
-
100
-
KΩ
Phase Noise @ 1 kHz offset
-
-
-140
-
dBc/Hz
RF Output port Impedance
-
-
50
-
Input Logic Level
Input high voltage
-
2.65
-
-
V
Input low voltage
-
-
-
0.65
V
Digital Lock Detect
Locked
-
2.85
-
3.70
V
Unlocked
-
-
-
0.40
V
Frequency Synthesizer PLL
-
ADF4106
PLL Programming
-
3-wire serial 3.3V CMOS
Register Map @ 2310 MHz
F_Register
-
(MSB) 100111111000000000010010 (LSB)
N_Register
-
(MSB) 1000010010000001100001 (LSB)
R_Register
-
(MSB) 100000000000010100000 (LSB)
Electrical Specifications (over operating temperature -33°C to +80°C)
Permanent damage may occur if any of these limits are exceeded
Absolute Maximum Ratings
Parameters
Ratings
VCO Supply Voltage
5.8V
PLL Supply Voltage
14.0V
VCO Supply Voltage to PLL Supply Voltage
N.A.
Reference Frequency Voltage
0Vmin, +3.55Vmax
Data, Clock, LE Levels
0Vmin, +3.55Vmax
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C


Similar Part No. - DSN-2300A-1119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DSN-2000A-219++ MINI-DSN-2000A-219+ Datasheet
806Kb / 11P
   50廓 1200 to 2200 MHz
DSN-2000A-419 MINI-DSN-2000A-419 Datasheet
823Kb / 11P
   Frequency Synthesizer
DSN-2000A-419++ MINI-DSN-2000A-419+ Datasheet
823Kb / 11P
   Frequency Synthesizer
DSN-2036A-119 MINI-DSN-2036A-119 Datasheet
891Kb / 13P
   Frequency Synthesizer
DSN-2036A-119++ MINI-DSN-2036A-119+ Datasheet
891Kb / 13P
   Frequency Synthesizer
More results

Similar Description - DSN-2300A-1119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com