Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82551140 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82551140
Description  1206 SMD VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82551140 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82551140 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82551140 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82551140 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82551140 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 82551140 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Artikelnummer / part number :
82.551.140
Bezeichnung :
description :
1206 SMD VARISTOR
SMD size:
1206
C Lötpad / soldering spec. :
RECOMMENDED SOLDER PAD LAYOUT
(Unit : mm)
1 - The solder paste shall be printed in a thickness of 150 to 200µm.
2 - The SIR test of the solder paste shall be done(Based on JIS-Z-3284)
3 - IR reflow Pb Free Process suggestin profile (Based on J-STD-020-C):
4 - Soldering recommend paste is Sn 96.5/Ag 3.5
- Preheat
1.The temperature rising speed is suggested to be 2~3°C/s.
2.Appropriate preheat time will be from 60 to 120 seconds.
3.Temp. maintain at 175 +/-25°C 120 seconds.
- Heating
1.Careful about sudden rise in temperature as it may worsen
the solder ability.
2.Set the peak temperature in 235°C 10-20s or 260°C 3-10s.
- Cooling
1.Ramp down rate 6°C/s max.
※Perform adequate test in advance as the reflow temperature
profile will vary according to the conditions of the manufacturing
process, and the specification of the reflow furnace
4 - Wave Soldering Process
Ramp-up rate 3°C/s max.
Temp. maintain at 175 +/-25°C 180 seconds max.
Peak temperature 260°C 3-10s.
Ramp down rate 6°C/s max.
to thermal shock, a preheat is recommended in the soldering
process. and the peak temperature should be under controlled
rigidly in the solder process.
5 - Hand Soldering Process
Preheating 150°C
Temperature of soldering iron tip 380°C max. 3 to 5 sec
The Varistorrs shall be cooled gradually at room ambient temperature
6 - Ultrasonic cleaning
For preventing failures or damages. Frequency 29MHz max - radied Power 20W/l max - Period 5mn max
Rapid heating, partial heating or rapid cooling will easily cause defect of the component. So preheating and gradual cooling process is
suggested. IR soldering has the highest yields due to controlled heating rates and solder liquidus times. Make sure that the element is not
subjected to a thermal gradient steeper than 3 degrees per second. 2 degrees per second is the ideal gradient. During the soldering process,
pre- heating to within 175 degrees of the solders peak temperature is essential to minimize thermal shock.
Spezifikation für Freigabe / specification for release
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Kunde / customer :
SISE
A
B
C
D
0402
0.4~0.6
1.0~1.8
0.6~0.7
0.6~1.2
0603
0.8~1.2
1.7~3.0
1.2~1.6
0.9~1.8
0805
1.0~1.5
2.1~3.8
1.5~2.1
1.1~2.3
1206
1.8~2.5
3.0~5.8
1.8~2.6
1.2~3.3
1210
1.8~2.5
3.2~6.1
2.8~3.8
1.3~3.5
1812
2.5~3.5
4.0~7.3
3.3~4.5
1.5~3.8
2220
3.5~4.6
5.0~8.5
5.2~6.2
1.5~3.9
D
B
C
A
Time (mn)
250
75
100
125
150
175
200
225
01:00:00
25
02:00:00
03:00:00
04:00:00
Peak Temp.
260°C
(3 to 10sec)
Peak Temp.
175°C
(60 to 120sec)
Peak Temp.
245°C
(10 to 20sec)
275
Time (mn)
250
75
100
125
150
175
200
225
01:00:00
25
02:00:00
03:00:00
04:00:00
Peak Temp.
260°C
(3 to 10sec)
Preheat.
175°C 150sec max.
275
PAGE/SEITE 2 - TO/VON 5


Similar Part No. - 82551140

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82551170 WURTH-82551170 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
More results

Similar Description - 82551140

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82551250 WURTH-82551250 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82551170 WURTH-82551170 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82531400 WURTH-82531400 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82551300 WURTH-82551300 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82531040 WURTH-82531040 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82531140 WURTH-82531140 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82551500 WURTH-82551500 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82551200 WURTH-82551200 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82551600 WURTH-82551600 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
logo
Vishay Siliconix
MLV1206E3 VISHAY-MLV1206E3_V01 Datasheet
69Kb / 3P
   SMD 1206 Multilayer Varistor
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com