Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBG3115 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZNBG3115
Description  FET BIAS CONTROLLER WITH POLARISATION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG3115 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZNBG3115 Datasheet HTML 6Page - Diodes Incorporated ZNBG3115 Datasheet HTML 7Page - Diodes Incorporated ZNBG3115 Datasheet HTML 8Page - Diodes Incorporated ZNBG3115 Datasheet HTML 9Page - Diodes Incorporated ZNBG3115 Datasheet HTML 10Page - Diodes Incorporated ZNBG3115 Datasheet HTML 11Page - Diodes Incorporated ZNBG3115 Datasheet HTML 12Page - Diodes Incorporated ZNBG3115 Datasheet HTML 13Page - Diodes Incorporated ZNBG3115 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ZNBG3115
ZNBG3116
ISSUE 2 - JUNE 2006
10
APPLICATIONS CIRCUIT
The diagrams below show partial application circuits for the ZNBG series showing all external components
required for appropriate biasing. The bias circuits are unconditionally stable over the full temperature range with
the associated FETs and gate and drain capacitors in circuit.
To minimise board space the ZNBG3115/3116 is offered in a QSOP16 package. To reduce the pin count Drain 1
and Drain 2 have been internally connected. This is possible because only one of the two bias stages can biased at
one time.The QSOP16 offers a 40% reduction in size over the QSOP20 version.
Capacitors C2 and C4 ensure that residual power supply and substrate generator noise is not allowed to affect
other external circuits which may be sensitive to RF interference. They also serve to suppress any potential RF
feedthrough between stages via the ZNBG device. These capacitors are required for all stages used. Values of
10nF and 4.7nF respectively are
recommended however this is design
dependent and any value between 1nF
and 100nF could be used.
The capacitors CNB and CSUB are an
integral part of the ZNBGs negative
supply generator. The negative bias
voltage is generated on-chip using an
internal oscillator. The required value
of capacitors CNB and CSUB is 47nF.
This generator produces a low current
supply of approximately -3 volts.
Although this generator is intended
purely to bias the external FETs, it can
be used to power other external
circuits via the CSUB pin.
Resistor RCAL sets the drain current at
which all external FETs are operated. If
any bias control circuit is not required,
its related drain and gate connections
may be left open circuit without
affecting the operation of the
remaining bias circuits.
The ZNBG devices have been
designed to protect the external FETs
from adverse operating conditions.
With a JFET connected to any bias
circuit, the gate output voltage of the
bias circuit can not exceed the range
-3.0V to 1V under any conditions,
including powerup and powerdown
transients. All the bias stages include
drain currents limits which work
independently in each stage. Should
the negative bias generator be shorted
or overloaded so that the drain current
of the external FETs can no longer be
controlled, the drain supply to FETs is
shut down to avoid damage to the
FETs by excessive drain current.
QSOP16 Applications circuit
QSOP20 Applications circuit


Similar Part No. - ZNBG3115

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115Q16 ZETEX-ZNBG3115Q16 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115Q20 ZETEX-ZNBG3115Q20 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
More results

Similar Description - ZNBG3115

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com