Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD850S Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SD850S
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD850S Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SD850S Datasheet HTML 1Page - Pan Jit International Inc. SD850S Datasheet HTML 2Page - Pan Jit International Inc. SD850S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
August 17,2010-REV.02
SD820S SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Low power loss, High efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling, and
polarity protection applications
• In compliance with EU RoHS 2002/95/EC directives
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volts
CURRENT
8 Amperes
MECHANICAL DATA
• Case: DPAK/TO-252 molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: As marking
• Standard packaging: 16mm tape (EIA-481)
• Weight: 0.0104 ounces, 0.297 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA M E TE R
S YM B O L S D 8 20S
S D 830S
S D 840S
S D 850S
S D 860S
UN ITS
M a xi m um Re cur r ent P eak Re ve r s e Vo ltage
V
RR M
20
30
40
50
60
V
M a xi mum RMS Vo lta g e
V
RM S
14
21
28
35
42
V
M a xi mum D C B loc k i ng Vo lta g e
V
DC
20
30
40
50
60
V
M axi m um A ver age F o r war d
C ur r ent at
T
C =7 5
OC
I
F( AV )
8A
P eak For war d S ur ge C ur r ent : 8.3m s s i ngle half s i ne-
wave s uper i m pos ed on r ated load( J E D E C m et hod)
I
FS M
85
A
M axi m um F or w ar d Voltage at 8. 0A
V
F
0.55
0. 75
V
M axi m um D C Rever s e C ur r ent at Rated
D C B loc k i ng Volt age
T
J =2 5
O C
T
J = 100
O C
I
R
0.2
20
mA
Typ i ca l The r m a l Re si st a nc e
R
JC
R
JA
5.0
80
O C / W
Oper ati ng J unc ti on Tem per at ur e Range
TJ
- 55 to + 125
- 55 to + 150
O C
S tor age Tem per a t ur e Range
TSTG
- 55 to + 150
O C
0~0.004(0.08)
Unit inch(mm)
0.264(6.7)
0.248(6.3)
0.216(5.5)
0.200(5.1)
0.09(2.3)
0.09(2.3)
0.106(2.7)
0.090(2.3)
0.032(0.8)
0.012(0.3)
0.098(2.5)
0.082(2.1)
0.024(0.6)
0.016(0.4)
0.02(0.5)
0.071(1.8)
0.051(1.3)
4
4
TO-252 / DPAK


Similar Part No. - SD850S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD850S PANJIT-SD850S Datasheet
39Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
SD850S PANJIT-SD850S Datasheet
427Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SD850S DCCOM-SD850S Datasheet
80Kb / 2P
   RECTIFIER SPECIALISTS
logo
Won-Top Electronics
SD850S-T3 WTE-SD850S-T3 Datasheet
43Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SD850S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com