Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA30 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SA30
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SA30 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SA30 Datasheet HTML 1Page - Pan Jit International Inc. SA30 Datasheet HTML 2Page - Pan Jit International Inc. SA30 Datasheet HTML 3Page - Pan Jit International Inc. SA30 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-SEP.02.2008
SA5.0~SA220CA
RATING
Peak Pulse Power Dissipation at TA=25°C, TP=1ms(Note 1, Fig.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,Fig.3)
Typical Thermal Resistance Junction to Air Lead Lengths .375",(9.5mm)
(Note 2)
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed
on Rated Load(JECED Method) (Note 3)
Operating and Storage Temperature Range
°C
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°Cper Fig. 2.
2.Mounted on Copper Leaf area of 1.57in2(40mm2).
3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• Glass passivated chip junction in DO-15 package
• 500W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Fast response time: typically less than 1.0 ps from 0 volts to BV min
• Typical IR less than 1µA above 10V
• High temperature soldering guaranteed: 260°C/10 seconds/.375"
,(9.5mm) lead length/5lbs., (2.3kg) tension
• In compliance with EU RoHS 2002/95/EC directives
SYMBOL
VALUE
UNITS
P
PPM
500
Watts
R
θJA
50
°C / W
Amps
I
FSM
70
T
J , TSTG
-65 to +175
I
PPM
SEE TABLE 1
Amps
DEVICES FOR BIPOLAR APPLICAIONS
For Bidirectional use C or CA Suffix for types Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
.034(.86)
.140(3.6)
.028(.71)
.104(2.6)
DO-15
Unit: inch(mm)
MECHANICAL DATA
• Case: JEDEC DO-15 molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denoted cathode except Bipolar
• Mounting Position: Any
• Weight: 0.014 ounce, 0.397 gram
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
STAND-OFF VOLTAGE
5.0 to 220 Volts


Similar Part No. - SA30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA30 CHONGQING-SA30 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA30 LUGUANG-SA30 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA30 WTE-SA30 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com