Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LC11011-141 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LC11011-141
Description  Computer Image Signal Processing Full-Color Gray-Scale Processor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC11011-141 Datasheet(HTML) 3 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
No. 5041-3/7
LC11011-141
Switching Characteristics at Ta = 0 to +70°C, VSS = 0 V, VDD = 3.0 to 3.6 V, CL = 15 pF
Pin Assignment
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Dot clock cycle time
Tdclk
33
ns
Hsync low level pulse width
Thpw
2 Tdclk
ns
Vsync low level pulse width
Tvpw
2 Tdclk
ns
Data setup time
Tdsu
10
ns
Data hold time
Tdhd
10
ns
Control signal setup time
Tcsu
10
ns
Control signal hold time
Tchd
10
ns
CLK propagation delay time
Ttdhh
2
5
12
ns
CLK propagation delay time
Ttdll
2
6
14
ns
CLKB propagation delay time
Ttdhl
2
6
14
ns
CLKB propagation delay time
Ttdlh
2
6
14
ns
Control signal propagation delay time
Ttctl
2 Tdclk + 5
2 Tdclk + 10
2 Tdclk + 22
ns
Data output propagation delay time
Ttdata
2 Tdclk + 5
2 Tdclk + 10
2 Tdclk + 24
ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn