Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC11011-141 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC11011-141
Description  Computer Image Signal Processing Full-Color Gray-Scale Processor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC11011-141 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC11011-141 Datasheet HTML 1Page - Sanyo Semicon Device LC11011-141 Datasheet HTML 2Page - Sanyo Semicon Device LC11011-141 Datasheet HTML 3Page - Sanyo Semicon Device LC11011-141 Datasheet HTML 4Page - Sanyo Semicon Device LC11011-141 Datasheet HTML 5Page - Sanyo Semicon Device LC11011-141 Datasheet HTML 6Page - Sanyo Semicon Device LC11011-141 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Overview
The LC11011-141 is a pseudo gray scale processor for
TFT LCD. It allows LCD panels with inputs of three to six
bits per RGB to display the equivalent of 16.7 million
colors.
Features
• Handles 8-bits of input data (256-scale data) for each of
the RGB colors.
• Operating mode selection of three, four, or six bit driver
outputs
• Realizes reduced resolution loss (as compared to
dithering techniques) by using intra- and inter-frame
error diffusion processing.
• Supports both 5 V and low voltage (3.3 V) operation.
• Operates with arbitrary clock frequencies up to 50 MHz
(at 5 V) or up to 30 MHz (at 3.3 V).
• Can operate independently of the number of displayed
pixels since internal operation is controlled by the
horizontal and vertical synchronization signals.
Package Dimensions
unit: mm
3151-QFP100E
CMOS LSI
22896HA (OT)/No. 5041-1/7
Preliminaly
SANYO: QFP100E
[LC11011-141]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Computer Image Signal Processing
Full-Color Gray-Scale Processor
LC11011-141
Ordering number : EN*5041A
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Electrical Characteristics: At an operating voltage of 5.0 V
Operating Ranges at Ta = 0 to +70°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Input and output voltages
VI, VO
–0.3 to VDD + 0.3
V
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.5
5.0
5.5
V
Input voltage
VIN
0VDD
V
Clock frequency
fclk
50
MHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn