Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2M Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # S2M
Description  SURFACE MOUNT RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S2M Datasheet(HTML) 1 Page - Pan Jit International Inc.

  S2M Datasheet HTML 1Page - Pan Jit International Inc. S2M Datasheet HTML 2Page - Pan Jit International Inc. S2M Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-FEB.27.2009
1
S2A~S2M
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Glass passivated iunction
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: JEDEC DO-214AA molded plastic
• Terminals:Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.003 ounce, 0.092 gram
SURFACE MOUNT RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase , half wave ,60Hz, resistive or inductive load.
For capacitive load , derate current by 20%.
NOTES:
1.Measured at 1.0 MHZ and applied Vr=4.0 volts.
2.8.0mm2(.013mm thick)land areas.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SA
2
SB
2
SD
2
SG
2
SJ
2
SK
2
SM
2
SS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
L
0
1
1
=
O CI
(
F)
V
A
0
.
2A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
6A
A
0
.
2
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
1
.
1V
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
J
5
2
1
=
O C
I
R
0
.
1
5
2
1
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
m
u
m
i
x
a
M
C
J
0
3F
p
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
Rθ
L
J
6
1
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
O C
VOLTAGE
50 to 1000 Volts
2.0 Amperes
CURRENT


Similar Part No. - S2M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2M PANJIT-S2M Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
DONGGUAN YOU FENG WEI E...
S2M YFWDIODE-S2M Datasheet
103Kb / 2P
   Surface Mount Standard Rectifiers
logo
Daya Electric Group Co....
S2M DAYA-S2M Datasheet
46Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Relpol S.A.
S2M RELPOL-S2M Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
Micro Commercial Compon...
S2M MCC-S2M Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S2M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com