Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1M Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # S1M
Description  SURFACE MOUNT RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S1M Datasheet(HTML) 2 Page - Pan Jit International Inc.

  S1M Datasheet HTML 1Page - Pan Jit International Inc. S1M Datasheet HTML 2Page - Pan Jit International Inc. S1M Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-FEB.27.2009
1
S1A~S1M
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.4 MAXIMUM NON REPETITIVE PEAK SURGE CURRENT
Fig.5 TYPICAL JUNCTION CAPACITANCE
Fig.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES
3
.0
2.0
1.0
0
0
50
100
150
0
.5
1.5
2.5
LEAD TEMPERATURE, C
o
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
NO.OFCYCLES AT 60Hz
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED ON 0.3 x 0.3"
(8.0 x 8.0mm) COPPER PAD A REAS
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.6
T=25 C
Pulse Width=300us
2% Duty Cycle
J
O
15
20
25
30
10
5
0
1
2
610
20
40
60
100
0
0.1
1.0
100
1
2
5
10
20
50
100
T=25 C
f=1.0MHz
Vsig=50m VP.P
J
O
Fig.3-TYPICAL REVERSE CHARACTERISTIC
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
0.01
20
40
60
80
100
120
140
0.1
1.0
10
100
T= 125 C
o
J
T= 100 C
J
o
T= 25 C
J
o


Similar Part No. - S1M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1M PANJIT-S1M Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1M DIOTEC-S1M Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Shanghai Shunye Electro...
S1M SY-S1M Datasheet
234Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
S1M MCC-S1M Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
DACO SEMICONDUCTOR CO.,...
S1M DACO-S1M Datasheet
443Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - S1M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com