Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1001FL Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # RS1001FL
Description  SMALL SURFACE MOUNT FAST DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RS1001FL Datasheet(HTML) 2 Page - Pan Jit International Inc.

  RS1001FL_10 Datasheet HTML 1Page - Pan Jit International Inc. RS1001FL_10 Datasheet HTML 2Page - Pan Jit International Inc. RS1001FL_10 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
November 12,2010-REV.01
RS1001FL~RS1010FL
0
0.20 0.40 0.60 0.80
1.00 1.20 1.40
1.60 1.80
10
1
0.1
0.01
0.001
V[V]
F
T , Case Temperature [ C]
C
O
Typical@25 C
O
Fig.1-TYPICAL FORWARD CHARACTERISTICS
Fig.1-TYPICAL FORWARD CHARACTERISTICS
Fig.2-TYPICAL JUNCTION CAPACITANCE
Fig.2-TYPICAL JUNCTION CAPACITANCE
Fig.3-FORWARD CURRENT DERATING CURVE
Fig.3-FORWARD CURRENT DERATING CURVE
NUMBER OF CYCLES AT 60Hz
Fig.4-MAXIMUM NON-REPEITIVE SURGE CURRENT
Fig.4-MAXIMUM NON-REPEITIVE SURGE CURRENT
40 60 80 100
1
2
46
8 10
20
5
20
15
10
30
25
35
0
0.25
0.5
0.75
1
1.25
1.5
0
25
50
75
100
125
150
Mounted on 5cm x 1.5cm PCB
Board
0
3
5
8
10
13
15
0.1
1
10
100
VR
, Reverse Bias Voltage (V)


Similar Part No. - RS1001FL_10

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
RS1001FL SAMYANG-RS1001FL_V01 Datasheet
1Mb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - RS1001FL_10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL_10 Datasheet
82Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
RS1001FL PANJIT-RS1001FL Datasheet
110Kb / 3P
   SMALL SURFACE MOUNT FAST DIODES
US1008FL-AU PANJIT-US1008FL-AU Datasheet
134Kb / 5P
   SMALL SURFACE MOUNT FAST DIODES
ES1001FL PANJIT-ES1001FL_10 Datasheet
119Kb / 3P
   SMALL SURFACE MOUNT SUPER FAST DIODES
ES1001FL-AU PANJIT-ES1001FL-AU Datasheet
201Kb / 5P
   SMALL SURFACE MOUNT SUPER FAST DIODES
logo
SUNMATE electronic Co.,...
ES1001FL SUNMATE-ES1001FL Datasheet
325Kb / 2P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Pan Jit International I...
US1001FL PANJIT-US1001FL Datasheet
126Kb / 3P
   SMALL SURFACE MOUNT ULTRA FAST DIODES
logo
Vishay Siliconix
S07B VISHAY-S07B Datasheet
135Kb / 6P
   Small Surface Mount Diodes
Rev. 1.8, 24-Mar-04
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
   Surface mount Small Signal Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com