Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25Q64 Datasheet(PDF) 5 Page - FIDELIX

Part # FM25Q64
Description  64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q64 Datasheet(HTML) 5 Page - FIDELIX

  FM25Q64 Datasheet HTML 1Page - FIDELIX FM25Q64 Datasheet HTML 2Page - FIDELIX FM25Q64 Datasheet HTML 3Page - FIDELIX FM25Q64 Datasheet HTML 4Page - FIDELIX FM25Q64 Datasheet HTML 5Page - FIDELIX FM25Q64 Datasheet HTML 6Page - FIDELIX FM25Q64 Datasheet HTML 7Page - FIDELIX FM25Q64 Datasheet HTML 8Page - FIDELIX FM25Q64 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
preliminary(Aug.18.2010)
5
FM25Q64
1. GENERAL DESCRIPTION
The FM25Q64 Serial Flash memory provides a storage solution for systems with limited space,
pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial
Flash devices. They are ideal for code shadowing to RAM, executing code directly from
Dual/Quad SPI (XIP) and storing voice, text and data. The devices operate on a single 2.7V to
3.6V power supply with current consumption as low as 5mA active and 1µA for power-down. All
devices offered in space-saving packages.
The FM25Q64 array is organized into 32.786 programmable pages of 256-bytes each. Up to 256
bytes can be programmed at a time using the Page Program instructions. Pages can be erased in
groups of 16 (4KB sector erase) groups of 128 (32KB block erase), groups of 256 (64KB block
erase) or the entire chip (chip erase). The FM25Q64 has 2,048 erasable sectors and 128
erasable blocks respectively. The small 4KB sectors allow for greater flexibility in applications that
require data and parameter storage.
The FM25Q64 supports the standard Serial peripheral Interface (SPI), and a high performance
Dual output as well as Dual I/O SPI using pins: Serial Clock, Chip Select, Serial Data I/O0(DI),
Serial Data I/O1(DO). SPI clock frequencies of up to 104MHz are supported allowing equivalent
clock rates of 208MHz for Dual Output and 416Mhz for Quad Output when using the Fast Read
Dual/Quad Output instructions. These transfer rates are comparable to those of 8 and 16-bit
Parallel Flash memories.
A Hold pin, Write protect pin and programmable write protection, with top or bottom array control,
provide further control flexibility. Additionally, the device supports JEDEC standard
manufacturer
and device identification with a 4K-bit Secured OTP.
2. FEATURES
● SpiFlash Memory
-FM25Q64: 64M-bit / 8M–byte
-256-bytes per programmable page
-4K-bit secured OTP
● Standard, Dual or Quad SPI
-standard SPI: CLK, /CS, DI, DO, /WP, /Hold
-Dual SPI: CLK, /CS, IO0, IO 1, /WP, /Hold
-Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
● Highest Performance Serial Flash
-Up to 7X that of ordinary Serial Flash
-104MHz clock operation
-208MHz equivalent Dual SPI
-416MHz equivalent Quad SPI
-50MB/S continuous data transfer rate
-31MB/S random access (32-byte fetch)
-Comparable to X16 Parallel Flash
● Package Material
-Fidelix all product Green package
Lead-free
RoHS Compliant
Halogen-free
● Advanced Security Features
-Software and Hardware Write-protect
-Top or Bottom, Sector or Block selection
-Lock-Down and OTP protection
● Flexible Architecture with 4KB sectors
-Uniform Sector Erase (4K-byte)
-Uniform Block Erase (32K and 64K-bytes)
-program one to 256 bytes
-Up to 100,000 erase/write cycles
-20-years data retention
– Erase/Program Suspend & Resume
● Low Power, wide Temperature Range
-Single 2.7 to 3.6V supply
-5mA active current, <1µA Power-down (typ.)
--40℃ to +85℃ operating range
● Space Efficient Packaging
-8-pin SOIC 208mil
-16-pin SOIC 300-mil
-8-pin DIP 300mil
-8-pad WSON 6x5-mm


Similar Part No. - FM25Q64

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results

Similar Description - FM25Q64

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64BV WINBOND-W25X64BV Datasheet
1Mb / 43P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com