Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F81865 Datasheet(PDF) 34 Page - Feature Integration Technology Inc.

Part # F81865
Description  Super IO with 6 UARTs
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F81865 Datasheet(HTML) 34 Page - Feature Integration Technology Inc.

Back Button F81865 Datasheet HTML 30Page - Feature Integration Technology Inc. F81865 Datasheet HTML 31Page - Feature Integration Technology Inc. F81865 Datasheet HTML 32Page - Feature Integration Technology Inc. F81865 Datasheet HTML 33Page - Feature Integration Technology Inc. F81865 Datasheet HTML 34Page - Feature Integration Technology Inc. F81865 Datasheet HTML 35Page - Feature Integration Technology Inc. F81865 Datasheet HTML 36Page - Feature Integration Technology Inc. F81865 Datasheet HTML 37Page - Feature Integration Technology Inc. F81865 Datasheet HTML 38Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
F81865
May, 2010
V0.28P
34
R
-------------------------- PCN ( Drive 0 ) ------------------------
R
-------------------------- PCN ( Drive 0 ) ------------------------
R
|------------------ SRT -------------------|
|------------------ HUT -------------------|
R
|------------------------------------- SRT ---------------------------------------|
ND
R
-------------------------- SC/EOT ------------------------
R
LOCK
0
D3
D2
D1
D0
GAP
WGATE
R
0
EIS
EFIFO
POLL
|---------------- FIFOTHR ---------------|
R
---------------------------- PRETRK --------------------------
Sense Drive Status
Phase
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Remark
Command
W
0
0
0
0
0
1
0
0
Command code
W
0
0
0
0
0
HDS
DS1
DS0
Result
R
---------------------------- ST3 --------------------------
Status information
abut disk drive
Invalid
Phase
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Remark
Command
W
---------------------------- Invalid Codes --------------------------
FDC goes to
standby state.
Result
R
---------------------------- ST0--------------------------
ST0 = 80h
7.3.
UART
The F81865 provides up to 6 UART ports and supports IRQ sharing for system application. The
UARTs are used to convert data between parallel format and serial format. They convert parallel data
into serial format on transmission and serial format into parallel data on receiver side. The serial
format is formed by one start bit, followed by five to eight data bits, a parity bit if programmed and one
( 1.5 or 2 ) stop bits. The UARTs include complete modem control capability and an interrupt system
that may be software trailed to the computing time required to handle the communication link. They
have FIFO mode to reduce the number of interrupts presented to the host. Both receiver and
transmitter have a 16-byte FIFO.
The below content is about the UARTs device register descriptions. All the registers are for
software porting reference.
Receiver Buffer Register
⎯ Base + 0
Bit
Name
R/W Default
Description
7-0
RBR
R
00h
The data received.
Read only when LCR[7] is 0


Similar Part No. - F81865

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F81866A FINTEK-F81866A Datasheet
1Mb / 210P
   6 UARTs Super IO With 128 Bytes FIFO and Power
F81866AD FINTEK-F81866AD Datasheet
1Mb / 210P
   6 UARTs Super IO With 128 Bytes FIFO and Power
F81866AD-I FINTEK-F81866AD-I Datasheet
1Mb / 210P
   6 UARTs Super IO With 128 Bytes FIFO and Power
F81867 FINTEK-F81867 Datasheet
2Mb / 315P
   6 UARTs 關Super IO With 128 Bytes FIFO and Power Saving Functions
F81867D FINTEK-F81867D Datasheet
2Mb / 315P
   6 UARTs 關Super IO With 128 Bytes FIFO and Power Saving Functions
More results

Similar Description - F81865

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F81866A FINTEK-F81866A Datasheet
1Mb / 210P
   6 UARTs Super IO With 128 Bytes FIFO and Power
F81867 FINTEK-F81867 Datasheet
2Mb / 315P
   6 UARTs 關Super IO With 128 Bytes FIFO and Power Saving Functions
F71872 FINTEK-F71872 Datasheet
2Mb / 115P
   Super H/W Monitor LPC IO
logo
Texas Instruments
TL16CP754C TI-TL16CP754C Datasheet
970Kb / 49P
[Old version datasheet]   QUAD UARTS WITH 64-BYTE FIFO
logo
Feature Integration Tec...
F71805 FINTEK-F71805 Datasheet
719Kb / 94P
   Super H/W Monitor LPC IO
F71806 FINTEK-F71806 Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
logo
Schneider Electric
MPM-UN-004-5045 SCHNEIDER-MPM-UN-004-5045 Datasheet
136Kb / 2P
   EBExpert MPM-UN, Modbus, 6 IO
logo
Exar Corporation
XR16M890 EXAR-XR16M890 Datasheet
755Kb / 2P
   Single-Channel UARTs with Selectable Bus Interfaces
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
   IO Link Universal Analog IO
logo
Exar Corporation
DAN-189 EXAR-DAN-189 Datasheet
144Kb / 4P
   EXAR UARTS IN GPS APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com