Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLDO330 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZLDO330
Description  3.3 VOLT ULTRA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO330 Datasheet(HTML) 8 Page - Diodes Incorporated

  ZLDO330 Datasheet HTML 1Page - Diodes Incorporated ZLDO330 Datasheet HTML 2Page - Diodes Incorporated ZLDO330 Datasheet HTML 3Page - Diodes Incorporated ZLDO330 Datasheet HTML 4Page - Diodes Incorporated ZLDO330 Datasheet HTML 5Page - Diodes Incorporated ZLDO330 Datasheet HTML 6Page - Diodes Incorporated ZLDO330 Datasheet HTML 7Page - Diodes Incorporated ZLDO330 Datasheet HTML 8Page - Diodes Incorporated ZLDO330 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ZLDO330
5). Logic Controlled Power Supply
Fig.4 shows all that is necessary to allow a
microprocessor to control a power supply
based on the ZLDO330. The Shutdown Control
pin (pin 2), is a logic compatible input that
disables the regulator when a voltage in
excess of 1.5V is applied. The current required
to drive this input is less than 10uA. When the
regulator is shutdown in this way, the
quiescent current of the ZLDO330 falls to
around 11
µA. This makes the regulator
suitable for a wide range of battery powered
applications where intermittent operation
occurs. The shutdown control pin should not
be taken to a voltage higher than Vin if low
quiescent supply current is important. The
shutdown control is a high impedance input
and so if not required, should be wired to the
ground pin (pin 7).
APPLICATIONS
Spg
D/C
Vout
LBF
SC
Vin
N/C
Gnd
IC2
ZLDO330
C2
1uF
C1
10pF
C3
100nF
0V
+3.3V
Microproc.
System
Switched
Supply Input
Vin Vout
Gnd
IC1
ZSR330
Output
0V
+5V
to 20V
Figure 4
4-69


Similar Part No. - ZLDO330

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8 ZETEX-ZLDO330T8 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
More results

Similar Description - ZLDO330

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485 ZETEX-ZLDO485 Datasheet
114Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO285 DIODES-ZLDO285 Datasheet
84Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485 DIODES-ZLDO485 Datasheet
127Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO300 DIODES-ZLDO300 Datasheet
243Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO270 DIODES-ZLDO270 Datasheet
86Kb / 9P
   2.70 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO285 ZETEX-ZLDO285 Datasheet
83Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO300 ZETEX-ZLDO300 Datasheet
242Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com