Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPSA120200U Datasheet(PDF) 5 Page - CUI INC

Part No. EPSA120200U
Description  SWITCHING POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120200U Datasheet(HTML) 5 Page - CUI INC

  EPSA120200U Datasheet HTML 1Page - CUI INC EPSA120200U Datasheet HTML 2Page - CUI INC EPSA120200U Datasheet HTML 3Page - CUI INC EPSA120200U Datasheet HTML 4Page - CUI INC EPSA120200U Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
09/2010
5 of 5
SWITCHING POWER SUPPLY
EPSA 24W
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
tolerance
± 1 mm
INDIVIDUAL PACKAGING
RoHS Compliant
RoHS Compliant
INTERNAL CARTON MATERIAL:B3B(3mm)
EXTERNAL CARTON MATERIAL:A=B(6mm)
CARTON SIZE: 442X402X188mm
Q'TY: 80pcs(20x4)
PACKAGING
tolerance
+7 / -0 mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn