Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2304 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2304
Description  3.3 V Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2304_11 Datasheet HTML 1Page - Cypress Semiconductor CY2304_11 Datasheet HTML 2Page - Cypress Semiconductor CY2304_11 Datasheet HTML 3Page - Cypress Semiconductor CY2304_11 Datasheet HTML 4Page - Cypress Semiconductor CY2304_11 Datasheet HTML 5Page - Cypress Semiconductor CY2304_11 Datasheet HTML 6Page - Cypress Semiconductor CY2304_11 Datasheet HTML 7Page - Cypress Semiconductor CY2304_11 Datasheet HTML 8Page - Cypress Semiconductor CY2304_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY2304
Document Number: 38-07247 Rev. *I
Page 3 of 14
Pinout
Figure 1. 8-pin SOIC - Top View
l
Table 2. Pin Definitions - 8-pin SOIC
Pin
Signal
Description
1
REF[1]
Input reference frequency, 5-V tolerant input
2
CLKA1[2]
Clock output, Bank A
3
CLKA2[2]
Clock output, Bank A
4
GND
Ground
5
CLKB1[2]
Clock output, Bank B
6
CLKB2[2]
Clock output, Bank B
7VDD
3.3-V supply
8
FBK
PLL feedback input
1
2
3
4
5
8
7
6
REF
CLKA1
CLKA2
GND
VDD
FBK
CLKB1
CLKB2
Notes
1. Weak pull-down.
2. Weak pull-down on all outputs.
[+] Feedback


Similar Part No. - CY2304_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304-1 CYPRESS-CY2304-1 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
More results

Similar Description - CY2304_11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com