Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101P Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY14B101P
Description  1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101P Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY14B101P_11 Datasheet HTML 8Page - Cypress Semiconductor CY14B101P_11 Datasheet HTML 9Page - Cypress Semiconductor CY14B101P_11 Datasheet HTML 10Page - Cypress Semiconductor CY14B101P_11 Datasheet HTML 11Page - Cypress Semiconductor CY14B101P_11 Datasheet HTML 12Page - Cypress Semiconductor CY14B101P_11 Datasheet HTML 13Page - Cypress Semiconductor CY14B101P_11 Datasheet HTML 14Page - Cypress Semiconductor CY14B101P_11 Datasheet HTML 15Page - Cypress Semiconductor CY14B101P_11 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
PRELIMINARY
CY14B101P
Document #: 001-61932 Rev. *A
Page 12 of 35
RTC Access
CY14B101P uses 16 registers for RTC. These registers can be
read out or written to by accessing all 16 registers in burst mode
or accessing each register, one at a time. The RDRTC and
WRTC instructions are used to access the RTC.
All the RTC registers can be read in burst mode by issuing the
RDRTC instruction and reading all 16 bytes without bringing the
CS pin HIGH. The ‘R’ bit must be set while reading the RTC
timekeeping registers to ensure that transitional values of time
are not read.
Writes to the RTC register are performed using the WRTC
instruction. Writing RTC timekeeping registers and control
registers, except for the flags register needs the ‘W’ bit of the
flags register to be set to ‘1’. The internal counters are updated
with the new date and time setting when the ‘W’ bit is cleared to
‘0’. All the RTC registers can also be written in burst mode using
the WRTC instruction.
Figure 11. Burst Mode Read Instruction Timing
Figure 12. Write Instruction Timing
Figure 13. Burst Mode Write Instruction Timing
CS
SCK
SO
LSB
SI
Op-Code
17-bit Address
MSB
LSB
01
2
3
456
7
0
7
6
5
4
3
2
1
20 21 22 23
0123
4
5
67
0
1
234
567
0
7
00
00
00
11
0
0
00
00
0
A16
A3 A2 A1 A0
D0
D1
D2
D3
D4
D5
D6
D7
Data Byte 1
Data Byte N
MSB
LSB
MSB
D0
D1
D2
D3
D4
D5
D6
D7
D0
D7
CS
SCK
SO
0123
4
5
6
7
0
7
6
5
4
3
2
1
20 21
22 23
01234567
MSB
LSB
Data
D0
D1
D2
D3
D4
D5
D6
D7
SI
Op-Code
00
00
001
00
0
0
0
0
0
0
A16
A3
A1
A2
A0
17-bit Address
MSB
LSB
HI-Z
CS
SCK
SO
MSB
LSB
SI
Op-Code
17-bit Address
MSB
LSB
0
1
234
567
0
7
6
5
4
3
2
1
20 21 22 23
0
1
234
567
0
1
234
567
0
7
0
0
00
00
1
0
000000
0
A16
A3 A2 A1 A0
HI-Z
Data Byte 1
Data Byte N
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D7
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101P_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
More results

Similar Description - CY14B101P_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com