Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101NA Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101NA
Description  1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101NA Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101NA Datasheet HTML 1Page - Cypress Semiconductor CY14B101NA Datasheet HTML 2Page - Cypress Semiconductor CY14B101NA Datasheet HTML 3Page - Cypress Semiconductor CY14B101NA Datasheet HTML 4Page - Cypress Semiconductor CY14B101NA Datasheet HTML 5Page - Cypress Semiconductor CY14B101NA Datasheet HTML 6Page - Cypress Semiconductor CY14B101NA Datasheet HTML 7Page - Cypress Semiconductor CY14B101NA Datasheet HTML 8Page - Cypress Semiconductor CY14B101NA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CY14B101LA
CY14B101NA
1-Mbit (128 K × 8/64 K × 16) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-42879 Rev. *K
Revised January 18, 2011
1-Mbit (128 K x 8/64 K x 16) nvSRAM
Features
20 ns, 25 ns, and 45 ns access times
Internally organized as 128 K × 8 (CY14B101LA) or 64 K ×
16 (CY14B101NA)
Hands off automatic STORE on power-down with only a small
capacitor
STORE to QuantumTrap nonvolatile elements initiated by
software, device pin, or AutoStore on power-down
RECALL to SRAM initiated by software or power-up
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
20 year data retention
Single 3 V +20% to -10% operation
Industrial temperature
Packages
32-Pin small-outline integrated circuit (SOIC)
44-/54-Pin thin small outline package (TSOP II)
48-Pin shrink small-outline package (SSOP)
48-Ball fine-pitch ball grid array (FBGA)
Pb-free and restriction of hazardous substances (RoHS)
compliant
Functional Description
The Cypress CY14B101LA/CY14B101NA is a fast static RAM
(SRAM), with a nonvolatile element in each memory cell. The
memory is organized as 128 K bytes of 8 bits each or 64 K words
of 16 bits each. The embedded nonvolatile elements incorporate
QuantumTrap technology, producing the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while independent nonvolatile data resides in the highly
reliable QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power-down. On power-up, data is restored to
the SRAM (the RECALL operation) from the nonvolatile memory.
Both the STORE and RECALL operations are also available
under software control.
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0 - A16 for ×8 configuration and Address A0 - A15 for ×16 configuration.
2. Data DQ0 - DQ7 for ×8 configuration and Data DQ0 - DQ15 for ×16 configuration.
3. BHE and BLE are applicable for ×16 configuration only.
[+] Feedback


Similar Part No. - CY14B101NA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101NA CYPRESS-CY14B101NA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101NA CYPRESS-CY14B101NA Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101NA-ZS20XC CYPRESS-CY14B101NA-ZS20XC Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101NA-ZS20XCT CYPRESS-CY14B101NA-ZS20XCT Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101NA-ZS20XI CYPRESS-CY14B101NA-ZS20XI Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
More results

Similar Description - CY14B101NA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com