Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPDM303NH Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPDM303NH
Description  SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPDM303NH Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPDM303NH Datasheet HTML 1Page - Central Semiconductor Corp CMPDM303NH Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPDM303NH
SURFACE MOUNT
N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPDM303NH
is a High Current N-Channel Enhancement-mode
Silicon MOSFET, manufactured by the N-Channel
DMOS Process, and is designed for high speed pulsed
amplifier and driver applications. This MOSFET offers
High Current, Low rDS(ON), Low Threshold Voltage,
and Low Leakage Current.
MARKING CODE: 303C
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current (Steady State)
ID
3.6
A
Maximum Pulsed Drain Current, tp=10μs
IDM
14.4
A
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=12V, VDS=0
10
μA
IDSS
VDS=20V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=250μA
30
V
VGS(th)
VGS=VDS, ID=250μA
0.6
1.2
V
rDS(ON)
VGS=4.5V, ID=1.8A
0.027
0.04
Ω
rDS(ON)
VGS=2.5V, ID=1.8A
0.039
0.078
Ω
gFS
VDS=5.0V, ID=3.6A
11.8
S
Crss
VDS=10V, VGS=0, f=1.0MHz
45
pF
Ciss
VDS=10V, VGS=0, f=1.0MHz
373
pF
Coss
VDS=10V, VGS=0, f=1.0MHz
68
pF
Qg(tot)
VDD=10V, VGS=4.5V, ID=3.6A
8.8
13
nC
Qgs
VDD=10V, VGS=4.5V, ID=3.6A
0.9
1.4
nC
Qgd
VDD=10V, VGS=4.5V, ID=3.6A
1.8
2.7
nC
ton
VDD=10V, ID=3.6A, RG=10Ω
8.7
ns
toff
VDD=10V, ID=3.6A, RG=10Ω
29.1
ns
FEATURES:
Low rDS(ON) (0.078Ω MAX @ VGS=2.5V)
High current (ID=3.6A)
Logic level compatibility
APPLICATIONS:
Load/Power switches
Power supply converter circuits
Battery powered portable equipment
SOT-23F CASE
R0 (20-October 2010)
www.centra lsemi.com


Similar Part No. - CMPDM303NH

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM303NH CENTRAL-CMPDM303NH_12 Datasheet
353Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMPDM303NH CENTRAL-CMPDM303NH_15 Datasheet
353Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results

Similar Description - CMPDM303NH

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMNDM7001 CENTRAL-CMNDM7001_15 Datasheet
429Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM7004 CENTRAL-CMUDM7004_15 Datasheet
398Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CZDM1003N CENTRAL-CZDM1003N Datasheet
940Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
CMUDM7001 CENTRAL-CMUDM7001 Datasheet
347Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7001 CENTRAL-CEDM7001 Datasheet
361Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7004 CENTRAL-CEDM7004 Datasheet
1,006Kb / 3P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7002A-M621H CENTRAL-CTLDM7002A-M621H Datasheet
422Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7120-M563 CENTRAL-CTLDM7120-M563 Datasheet
643Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM3590 CENTRAL-CTLDM3590 Datasheet
1Mb / 3P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM7002AE CENTRAL-CEDM7002AE_15 Datasheet
811Kb / 3P
   SURFACE MOUNT SILICON N-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com