Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXTA42 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SXTA42
Description  SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SXTA42 Datasheet(HTML) 1 Page - Diodes Incorporated

  SXTA42 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – JANUARY 1996
7
COMPLEMENTARY TYPE –
SXTA92
PARTMARKING DETAIL –
SID
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
6V
Continuous Collector Current
IC
500
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
300
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
300
V
IC=1mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
6V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.1
µ
A
VCB=200V, IE=0
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=6V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
V
IC=20mA, IB=2mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=20mA, IB=2mA*
Static Forward Current
Transfer Ratio
hFE
25
40
40
IC=1mA, VCE=10V*
IC=10mA, VCE=10V*
IC=30mA, VCE=10V*
Transition
Frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Output Capacitance
Cobo
6pF
VCB=20V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
For typical characteristics graphs see FMMTA42 datasheet.
SXTA42
C
C
B
E
SOT89
3 - 306


Similar Part No. - SXTA42

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SXTA42 ZETEX-SXTA42 Datasheet
20Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
SHIKUES Electronics
SXTA42 SKTECHNOLGY-SXTA42 Datasheet
349Kb / 2P
   High Voltage Transistors
logo
Diodes Incorporated
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results

Similar Description - SXTA42

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
BST40 ZETEX-BST40 Datasheet
15Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
BST39TA DIODES-BST39TA Datasheet
32Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
BFN16 ZETEX-BFN16 Datasheet
17Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX495 ZETEX-FCX495_07 Datasheet
275Kb / 6P
   SOT89 NPN silicon planar high voltage transistor
BFN18 ZETEX-BFN18 Datasheet
16Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX458TA DIODES-FCX458TA Datasheet
25Kb / 2P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX495 DIODES-FCX495 Datasheet
311Kb / 6P
   SOT89 NPN silicon planar high voltage transistor
FCX593 DIODES-FCX593 Datasheet
255Kb / 6P
   SOT89 Silicon planar high voltage transistor
logo
Zetex Semiconductors
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
   SOT89 Silicon planar high voltage transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com